PART |
Description |
Maker |
2SC3279 E000814 SC3279 2SC3269 |
Silicon NPN transistor for strobo flash applications and medium power amplifier applications STOROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS From old datasheet system NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS) NPN EPITAXIAL TYPE (STOROBO FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
MJE13002 MJE13003 |
1.400W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 1.500A Ic, 8 - 40 hFE. NPN EPITAXIAL SILICON POWER TRANSISTORS
|
Continental Device India Limited
|
FZT605 FZT605TC |
SOT223 NPN SILICON PLANAR MEDIUM NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
|
Diodes Incorporated Diodes Inc. ZETEX[Zetex Semiconductors]
|
BULD116D BULD116D-1 |
5 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-251AA MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BF495 BF495B BF494 BF494B |
Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN medium frequency transistors 30 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2SD1664 2SD1858 A5800362 2SD1664P 2SD1664T100Q 2SD |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis Medium Power Transistor (32V/ 1A) Medium Power Transistor (32V, 1A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Littelfuse Rohm CO.,LTD. ROHM[Rohm]
|
BCP68L-XX-AA3-R BCP68-XX-AA3-R BCP68G-XX-AA3-R BCP |
NPN MEDIUM POWER TRANSISTOR 1 A, 20 V, NPN, Si, POWER TRANSISTOR LEAD FREE PACKAGE-4
|
Unisonic Technologies Co., Ltd.
|
ZXT1053AKTC ZXT1053AK |
75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK 75V的npn型低饱和中功率晶体管的D - Pak NPN Transistors in DPAK
|
Zetex Semiconductor PLC Diodes Incorporated Zetex Semiconductors
|