PART |
Description |
Maker |
EC1145T-5.120M |
OSCILLATORS 50PPM 0 70 5.0V 4 5.120MHZ NC CMOS FULL 14PIN DIP CRYSTAL OSCILLATOR, CLOCK, 5.12 MHz, HCMOS/TTL OUTPUT
|
Ecliptek, Corp.
|
EC1145-27.120M |
OSCILLATORS 50PPM 0 70 5.0V 4 27.120MHZ NC CMOS FULL 14PIN DIP CRYSTAL OSCILLATOR, CLOCK, 27.12 MHz, HCMOS/TTL OUTPUT
|
Ecliptek, Corp.
|
AT89C5130A-PUTIM AT89C5130A-RDTIM AT89C5130A-RDTUM |
Global Limit Switches Series GLS: Top Roller Plunger, 2NC Slow Action, 20 mm 8-bit Flash Microcontroller with Full Speed USB Device 8位闪存微控制器全速USB设备 8-bit Flash Microcontroller with Full Speed USB Device 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP64
|
Atmel Corp. Atmel, Corp.
|
ADSP-2195MBCA-140 ADSP-2195MBST-140 ADSP-2195MKCA- |
16-bit Fixed-Point DSP, 160 MIPS, 80 Kbytes RAM ADSP-2195 16-bit Fixed-Point DSP 140MHz; on-chip SRAM: 1.3M bit; DSP microcomputer 160MHz; on-chip SRAM: 1.3M bit; DSP microcomputer
|
Analog Devices
|
LPC214108 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
|
NXP Semiconductors
|
LPC2144FBD64 LPC2148FBD64 LPC2141 LPC2141FBD64 LPC |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
|
NXP Semiconductors
|
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
HD74LS83 HD74LS83A |
4-bit Binary Full Adder with Fast Carry 4-Bit Binary Full Adders(with Fast Carry)
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
MAX19711ETN |
10-Bit, 11Msps, Full-Duplex, Analog Front-End SPECIALTY TELECOM CIRCUIT, QCC56 10-Bit, 11Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|
LBT12028 |
120MHz SAW Filter 9MHz Bandwidth
|
SIPAT Co,Ltd
|
LBT12036 |
120MHz SAW Filter 6MHz Bandwidth
|
SIPAT Co,Ltd
|