PART |
Description |
Maker |
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BL-B3141P BL-B2141P BL-BX13V1G BL-BXXV1T BL-B2114 |
STANDARD LED LAMPS (ROUND TYPES) 标准LED节能灯(圆形类型 RESISTOR 1/2W 1K 5% 2010 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 2K OHM 1% 1/2W CHIP RES (2010) High Speed CMOS Logic Octal Bus Transceivers/Registers with 3-State Outputs 24-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
74OL6001NL |
6-Pin DIP LSTTL to TTL Inverter High-Speed Logic-To-Logic Output Optocoupler 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
Fairchild Semiconductor, Corp.
|
ATV750B ATV750B-10DM_883 ATV750B-10JC ATV750B-10JI |
JOYSTICK SWITCH, 5A; Current, contact rating:5A; Angle:12(degree); Centres, fixing:36mm; Contact style:double throw; Series:1000; Termination method:Solder Tab; Voltage, contact AC:250V RoHS Compliant: Yes Paper, 25 meter roll, 58mm wide, front feed (FTP-622, 624, 627, 628, 629) UV PLD, 15 ns, CDIP24 Paper, 25 meter roll, 80mm wide, front feed (FTP-632, 634, 637, 638, 639) UV PLD, 15 ns, CQCC28 High-Speed UV-Erasable Programmable Logic Device OT PLD, 7.5 ns, PDIP24 Paper, 12 meter roll, 58mm wide (FTP-628WSL) OT PLD, 10 ns, PDSO24 High-Speed UV-Erasable Programmable Logic Device OT PLD, 25 ns, PDSO24 High-speed UV-erasable programmable logic device,83MHz High-speed UV-erasable programmable logic device,58MHz High-speed UV-erasable programmable logic device,92MHz
|
http:// ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
74OL6011 74OL6010 74OL6001 74OL6000 |
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
BC857 BC856A BC856B BC858B BC859C BC860 BC859 BC85 |
Surface mount Si-Epitaxial PlanarTransistors 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 High Speed CMOS Logic 12-Stage Binary Counter 16-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-PDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter 16-PDIP -55 to 125
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
HCPL-060004 HCPL0600R2V HCPL0601R1 HCPL0601R1V HCP |
8-Pin SOIC High Speed - 10 MBit/s Logic Gate Output Optocoupler HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
|
Fairchild Semiconductor
|
BC846W BC847CW BC849W BC850W BC847BW BC848BW BC848 |
High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 SURFACE MOUNT SI-EPITAXIAL PLANARTRANSISTORS
|
Infineon Technologies AG Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
74OL60113SD 74OL60113S 74OL6011300W 74OL6011300 74 |
6-Pin DIP LSTTL to TTL Buffer High-Speed Logic-To-Logic Output Optocoupler 6-pin DIP LSTTL to CMOS Inverter High-Speed Logic-To-Logic Output Optocoupler 6-Pin DIP LSTTL to TTL Inverter High-Speed Logic-To-Logic Output Optocoupler 6-pin DIP LSTTL to CMOS Buffer High-Speed Logic-To-Logic Output Optocoupler
|
Fairchild Semiconductor
|
UPSD3200 UPSD3253A-24T6 UPSD3253A-24T6T UPSD3234A- |
High Speed CMOS Logic 8-Input Multiplexer, 3-State 16-SOIC -55 to 125 闪存可编程系统器件与8032微控制器内核 Two and Three Channel Codewheels 闪存可编程系统器件与8032微控制器内核 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outpus 20-PDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Panel Mount Optical Encoders Locking Connector Housing Flash Programmable System Device with 8032 Microcontroller Core
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics http://
|