PART |
Description |
Maker |
MMBD7000 MMBD7000-TP |
225mW 100Volt Dual Switching Diode DIODE SW DUAL 100V 150MA SOT23 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAV70-V-G-18 |
SWITCHING DIODE GENPURP SOT23-E3-G
|
Vishay Semiconductors
|
FMMD7000 |
SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR (SERIES)
|
List of Unclassifed Manufacturers Zetex Semiconductors ETC[ETC]
|
FMMD2836 |
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON ANODE DIODE PAIR
|
Zetex Semiconductors
|
IRG4BC20UDS IRG4BC20UD-S IRG4BC20UD-STRR IRG4BC20U |
320 x 240 pixel format, LED or CFL Backlight 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.85V,@和VGE \u003d 15V的,集成电路\u003d 6.5A TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 6.5A I(C) | TO-263AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
1N464 |
Diode Schottky 85V 0.2A 2-Pin DO-35
|
New Jersey Semiconductor
|
MAX1733EUKT |
Low-Voltage, Step-Down DC-DC Converters in SOT23 0.565 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO5
|
Maxim Integrated Products, Inc.
|
AQT506 AQ504FV-N2-07-BU AQ504FV-C3-07-TR AQ504FV-M |
Current Regulator Diode SC70-3, SOT23-3, TO92 Packages 电流调节器二极管采用SC70 - 3,采用SOT23 - 3,TO92封装 Current Regulator Diode SC70-3 SOT23-3 TO92 Packages From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
CMPD7006S CMPD7006 CMPD7006A CMPD7006C |
SMD Switching Diode Dual: Common Anode SMD Switching Diode Dual: In Series SMD Switching Diode Single: High Voltage SMD Switching Diode Dual: Common Cathode SURFACE MOUNT VERY HIGH VOLTAGE SILICO SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
BAS16-02 BAS16-02L BAS16-03 BAS16-07L4 BAS16U BAS1 |
General Purpose Diodes - Silicon Switching Diode for high-speed switching Latest Silicon Discretes - Switching Diode for high speed switching Silicon Switching Diode 硅开关二极管
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SMBJ85CA-13 SMBJ150A-13 |
TVS BI-DIR 85V 600W SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc. DIODES INC
|