PART |
Description |
Maker |
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
2SC4942 2SC4942AA3 2SC4942AA1 2SC4942AA2 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 1A I(C) | TO-243VAR NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
|
NEC Corp. NEC[NEC]
|
N5027-X-TA3-T N5027-X-TF3-T N5027L-X-TF3-T N5027-R |
HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR 800 V, NPN, Si, POWER TRANSISTOR, TO-220AB HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2SC4418 |
Silicon NPN Triple Diffused Planar Transistor(High Voltage And High Speed Switching Transistor)(硅NPN三倍扩散平面晶体管(高压和高速开关晶体管 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
BUL54AFI BUL52BFI |
ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 4 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
PZT5551-C-AA3-C-R PZT5551L-A-AA3-B-R PZT5551L-B-AA |
HIGH VOLTAGE SWITCHING TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
|
Unisonic Technologies UTC
|
BUH713 |
TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 10A I(C) | TO-218VAR High Voltage Fastswitching NPN Power Transistor
|
ST Microelectronics
|
KSE13006 KSE13007 |
High Voltage Switch Mode Application 8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 NPN Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
KSE13003 KSE13003H2AS KSE13003AS KSE13003ASTU KSE1 |
High Voltage Switch Mode Applications 1.5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-126 NPN Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
KSC5042M KSC5042MSTU |
High Voltage Switchihg Dynamic Focus Application 0.1 A, 900 V, NPN, Si, POWER TRANSISTOR, TO-126 NPN Triple Diffused Planar Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|