PART |
Description |
Maker |
STL22NF10 |
N-CHANNEL 100V - 0.055 ohm - 22A PowerFLATLOW GATE CHARGE STripFETII MOSFET N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT LOW GATE CHARGE STripFET II MOSFET N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT⑩ LOW GATE CHARGE STripFET⑩ II MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFP150 |
40A, 100V, 0.055 Ohm,N-Channel PowerMOSFET(40A, 100V, 0.055 Ohm,N娌??澧?己?????OS?烘?搴??)
|
HARRIS SEMICONDUCTOR
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
2N7291R4 |
40 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
HARRIS SEMICONDUCTOR
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
STW48NM60N |
N-channel 600 V, 0.055 Ω typ., 44 A MDmesh II Power MOSFET in a TO-247 package N-channel 600 V, 0.055 Ω typ., 44 A MDmesh?/a> II Power MOSFET in a TO-247 package
|
STMicroelectronics
|
FDMS867408 FDMS8674 |
N-Channel PowerTrench垄莽 MOSFET 30V, 21A, 5.0m楼? N-Channel PowerTrench庐 MOSFET 30V, 21A, 5.0m惟 N-Channel PowerTrench? MOSFET 30V, 21A, 5.0mΩ
|
Fairchild Semiconductor
|
FQA33N10L |
100V LOGIC N-Channel MOSFET 36 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
BUZ11AL-E3046 BUZ11AL-E3045 BUZ11AL-E3044 |
26 A, 50 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220AB, 3 PIN 26 A, 50 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET TO-220AB, 3 PIN 26 A, 50 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220AB, 4 PIN
|
SIEMENS AG Infineon Technologies AG
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STS8C5H30L S8C5H30L |
From old datasheet system N-CHANNEL 30V -0.018 Ohm - 8A - P-CHANNEL 30V - 0.045 Ohm - 5A - SO-8 LOW GATE CHARGE STRIPFET III MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|