PART |
Description |
Maker |
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
FFM202L FFM201L FFM203L FFM204L |
2 A, 400 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere 2 A, 200 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
SDR954MDBS SDR953Z SDR953ZUBTX SDR953ZDB SDR953ZUB |
50 A, 400 V, SILICON, RECTIFIER DIODE, TO-254AA Hyper Fast Rectifier 50 A, 300 V, SILICON, RECTIFIER DIODE, TO-254 50 A, 500 V, SILICON, RECTIFIER DIODE, TO-254 50 A, 600 V, SILICON, RECTIFIER DIODE, TO-254
|
SOLID STATE DEVICES INC Solid States Devices, Inc Solid States Devices, I...
|
SFAF801G10 SFAF805G SFAF804G SFAF803G |
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers 8 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Taiwan Semiconductor Company, Ltd
|
CMSH3-20MA CMSH3-60MATR13 CMSH3-100MATR13 |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS 3 A, 20 V, SILICON, RECTIFIER DIODE 3 A, 60 V, SILICON, RECTIFIER DIODE 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CBR50-020P CBR50-100P CBR50-040P CBR50-060P CBR50- |
50 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS Leaded Bridge Rectifier General Purpose
|
CENTRAL[Central Semiconductor Corp]
|
1N1202AR JANTX1N1202A 1N3673AR 1N1202A 1N1204A 1N1 |
Standard Rectifier (trr more than 500ns) Military Silicon Power Rectifier 12 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AA
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
1N3296S 1N3289S 1N3295S 1N3297S 1N3288S 1N413B 1N1 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 100 A, 50 V, SILICON, RECTIFIER DIODE, DO-205AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SDM30008 SDM30016 SDM30004 SDM300 SDM30002 SDM3000 |
300 A, 400 V, SILICON, RECTIFIER DIODE SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-COLORADO MICROSEMI[Microsemi Corporation]
|
1N3161 1N3161R 1N3162 1N3162R 1N3163 1N3163R 1N316 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 240 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 300 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|