PART |
Description |
Maker |
GE28F256L30T110 GE28F128L30B110 |
1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA79 1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 8M X 16 FLASH 1.8V PROM, 88 ns, PBGA56
|
Intel, Corp.
|
DA28F320J5-120 DT28F320J5A-120 DA28F640J5A-150 DA2 |
EEPROM|FLASH|2MX16/4MX8|CMOS|SOP|56PIN|PLASTIC 5 Volt Intel StrataFlash? Memory 5 Volt Intel StrataFlash庐 Memory
|
Intel Corporation
|
GE28F128K18 GE28F128K3 GE28F256K3 |
(GE28FxxxKx) Intel StrataFlash Memory (J3)
|
Intel Corporation
|
28F640P3 PF48F3P0ZB00 PF48F2P0ZB00 PC48F0P0VB00 PC |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Conductor Plating:Copper RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:5m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 Intel StrataFlash Embedded Memory 4M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 Intel StrataFlash Embedded Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 COAXIAL CABLE; COAXIAL RG/U TYPE:11; IMPEDANCE 75OHM CONDUCTOR SIZE AWG:14; NO. STRANDS X STRAND SIZE: SOLID; JACKET MATERIAL:POLYVINYLCHLORIDE (PVC); CONDUCTOR MATERIAL:STEEL; CONDUCTOR PLATING COPPER; JACKET COLOR:BLAC 英特尔StrataFlash嵌入式存储器 Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 Intel StrataFlash Embedded Memory 英特尔StrataFlash嵌入式存储器 Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:20-41 英特尔StrataFlash嵌入式存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle 英特尔StrataFlash嵌入式存储器 Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:43mm; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A 英特尔StrataFlash嵌入式存储器 Strata Flash Memory / 1 Gbit P30 Family CAP 0.01UF 63V 10% MET-POLY-BOX RAD5MM 7.5X6.5X2.5MM BULK 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA88 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-41 Intel StrataFlash Embedded Memory
|
Intel Corp. http:// Intel, Corp. Intel Corporation
|
FW82371EB |
Intel? 82371AB PIIX4, Intel? 82371EB PIIX4E, Intel? 82371MB PIIX4M
|
Intel Corporation
|
USC1850-BM-L24 USC1850-BM-C24 USC1850-CI-DIE USC18 |
Intel® Server Accessory AXX6DRV3GEXP Intel® Server Accessory FXX830WPSUSPP, 830-Watt Redundant Power Supply. For SC5400BRP and SC5400LX Intel® Server Accessory FXXRIGPKG Intel® Server Accessory FXX6DRV3GEXPBRD, Board for AXX6DRV3GEXP Backplane Intel® Server Accessory FALBRIDGE, Bridge Board. For SR1500, SR1550 and SR2500 Intel® Server Accessory AXX6SCSIDB Video DAC without Color Palette 视频DAC没有调色 Intel® Server Accessory AXX6DRV3GEXP 视频DAC没有调色 Intel® Server Accessory FXXRIGPKG 视频DAC没有调色
|
Glenair, Inc. PLX Technology, Inc. Harris, Corp. TE Connectivity, Ltd. Silicon Laboratories, Inc. Bourns, Inc.
|
GD82559C |
Intel-Based Electronic Classroom Student Computing Station Based on the Intel? Celeron Processor and Intel? 810 Chipset
|
Intel Corporation
|
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
PC28F128J3A PC28F128J3C |
StrataFlash Memory
|
Intel Corporation
|