PART |
Description |
Maker |
PIC16F747-I/ML PIC16F747-I/P PIC16F747-I/PT PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 word instructions) CMOS FLASH-based 8-bit microcontroller ... 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip
|
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
PIC16F747-I/P PIC16F747-I/ML PIC16F747-I/SO PIC16F |
(PIC16F7x7) 28/40/44-Pin / 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin位闪存微控制器的CMOS位A / D和纳瓦技0
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC16LF72/P PIC16LF72/ML PIC16LF72/SS PIC16LF72/SO |
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter 28引脚位CMOS闪存微控制器A / D转换 28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter 28引脚位CMOS闪存微控制器与A / D转换
|
EPCOS AG Microchip Technology, Inc. Microchip Technology Inc.
|
P16F877 PIC16LF877 PIC16F87X PIC16F877 16F876 16F8 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers
|
MICROCHIP[Microchip Technology]
|
PIC16F872 PIC16F872_SO PIC16F872_SP PIC16F872_SS P |
28-Pin, 8-Bit CMOS FLASH Microcontroller
|
Microchip Technology
|
PIC16LF77I_SO |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology
|
PIC16F871T/SS PIC16F870/P PIC16F870/PT PIC16F870/S |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip
|
PIC16F87X-20ISO PIC16F87XT-04EPQ PIC16LF87X-04EPQ |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology
|
PIC16F872-I/SO PIC16LF872-I/SP PIC16F872-I/SS PIC1 |
28-Pin, 8-Bit CMOS FLASH Microcontroller
|
Microchip Technology http://
|
PIC16F872_06 |
28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
|
MICROCHIP[Microchip Technology]
|
M6MGB_T166S2BWG M6MGB M6MGT166S2BWG E99007_A |
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & CMOS 3.3V-ONLY FLASH MEMORY & CMOS SRAM Stacked-CSP From old datasheet system
|
Mitsubishi
|