PART |
Description |
Maker |
AT91FR40162SB-CU AT91FR40162SB AT91FR40162SBPRE AT |
Flash memory in a single compact 121-ball BGA package 1024K Words 16-bit Flash Memory (2M bytes)
|
ATMEL Corporation
|
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
MX29LV160ATTC-90G |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
MB84VB2000-10 MB84VB2001 MB84VB2001-10 |
PT 8C 8#20 PIN RECP 1M X 8 FLASH 3V PROM, 100 ns, PBGA48 8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
MX29LV004TTI-90 MX29LV004TQI-70 |
Single Output LDO, 100mA, Adj.(0.7 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 -40 to 125 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Macronix International Co., Ltd.
|
MX29LA128MBTC-90R MX29LA128MTTC-10 MX29LA128MBTC-1 |
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY 8M X 16 FLASH 3V PROM, 90 ns, PDSO56 128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY 8M X 16 FLASH 3V PROM, 100 ns, PDSO56
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
CAT28F512HI-12T CAT28F512HI-15T CAT28F512HI-90T CA |
512K-Bit CMOS Flash Memory 512 kb CMOS Flash Memory 64K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
ON Semiconductor
|
MB84VA2100 MB84VA2101-10 MB84VA2101 MB84VA2100-10 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM (MB84VA2100 / MB84VA2101) 16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LPC2478FET208551 LPC247808 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface, SOT950-1 (TFBGA208), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA208
|
NXP Semiconductors N.V.
|
ULQ2801A ULQ2802A ULQ2803A ULQ2804A ULQ2805A |
Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory Configuration:128K x 16; Memory Size:256MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 八达林顿阵列 EIGHT DARLINGTON ARRAYS
|
STMicroelectronics N.V. Allegro MicroSystems STMICROELECTRONICS[STMicroelectronics]
|