PART |
Description |
Maker |
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
DCR1595SW50 DCR1596SW DCR1595SW48 DCR1595SW47 DCR1 |
4900V phase control thyristor 5200V phase control thyristor 5100V phase control thyristor 5000V phase control thyristor Phase Control Thyristor 4487 A, 4800 V, SCR Phase Control Thyristor 相位控制晶闸 4700V phase control thyristor
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|
PSV/30A-12 PSV/750C-12 PSV/1800E-63 PSV/1600E-15 P |
28.5 MHz - 31.5 MHz, 180 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 140 deg - RF/MICROWAVE PHASE SHIFTER 1665 MHz - 1935 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1480 MHz - 1720 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 902.5 MHz - 997.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 475 MHz - 525 MHz, 160 deg - RF/MICROWAVE PHASE SHIFTER 2312.5 MHz - 2687.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1110 MHz - 1290 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 807.5 MHz - 892.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 270 deg - RF/MICROWAVE PHASE SHIFTER
|
Astrodyne, Inc. MEAN WELL Enterprises Co., Ltd. NXP Semiconductors N.V.
|
DFA150AA160 DFA150AA80 |
THREE PHASE DIODES THYRISTORS THREE PHASE DIODE THYRISTOR THREE PHASE DIODETHYRISTOR
|
SANREX[SanRex Corporation] ETC
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
MM002-10 MM002-10U MM002-XX MM002-06 MM002-06U MM0 |
3 PHASE DIODE BRIDGE 3 PHASE, 50 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE PT 18C 18#20 PIN RECP 3 Phase Bridge
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
QRE2412001 |
3 Phase Diode Bridge Module 120 Amp/Phase Up to 2400 Volts
|
Powerex Power Semiconductors
|
CM20MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
FVST FVST-006 FVST-008 FVST-016 FVST-025 FVST-036 |
3-Phase for Frequency Converters without Neutral (6-110A) Three Phase Double Stage
|
PREMO CORPORATION S.L
|
ADE7758ARW |
Poly Phase Multifunction Energy Metering IC with Per Phase Information SPECIALTY ANALOG CIRCUIT, PDSO24
|
Analog Devices, Inc.
|
ISL6322GIRZ |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
|
Renesas Electronics Corporation
|
PPA01DM48 |
Monitoring Relays 3-Phase Sequence and Phase Loss 监测继电器三相相序和损失
|
Electronic Theatre Controls, Inc.
|