PART |
Description |
Maker |
M41ST85WMH6E M41ST85WMH6F M41ST85WMX6E M41ST85WMX6 |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
|
STMicroelectronics
|
ASM161SEUS ASM161_162_V1.0 ASM162TEUS_T ASM161 ASM |
3.08 V, mP supervisor circuit 4.00 V, mP supervisor circuit 2.93 V, mP supervisor circuit uP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 From old datasheet system CPU Supervisors with POR, Edge Triggered MR 4.63 V, mP supervisor circuit 4.38 V, mP supervisor circuit
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
UDS-3611H UDS-3612H UDS-3613H UDS-3614H UDN-3612M |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor 5.0 or 3.0V, 512 Bit (64 Bit x8) Serial RTC (SPI) SRAM and NVRAM Supervisor Serial real-time clock 25 A standard and Snubberless" triacs 25 A standard and Snubberless" triacs 双外围驱动器 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 双外围驱动器
|
Motorola Mobility Holdings, Inc.
|
MAX708T |
3 V microprocessor supervisor circuit with power fail comparator and manual reset
|
Philips
|
IMP706JCPA IMP706JCSA IMP706JCUA IMP706JEPA IMP706 |
3/3.3/4.0V μP SUPERVISOR CIRCUITS 3/3.3/4.0V 渭P SUPERVISOR CIRCUITS 3/3.3/4.0V P SUPERVISOR CIRCUITS 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical aluminum housing; two hex nuts; 152,4 mm [6 in] lead wires; current sinking output; and Vdc supply voltage 3/3.3/4.0V レP SUPERVISOR CIRCUITS 3/3.3/4.0VレP监控电路
|
IMP[IMP Inc] IMP[IMP, Inc] IMP INC. Altera, Corp.
|
MAX697 MAX697CPE MAX697CWE MAX697EJE MAX697EPE MAX |
µP Supervisor with Battery Switchover and Programmable Reset Microprocessor Supervisory Circuits 4-Wide AND-OR-invert Gates 14-CDIP -55 to 125 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, CDIP16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
IMP813 IMP813L IMP705 IMP705C_D IMP705CPA IMP705CS |
LOW-POWER ?? SUPERVISOR CIRCUITS LOW-POWER レP SUPERVISOR CIRCUITS 低功耗レP监控电路 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight IC,POWER SUPPLY SUPERVISOR,CMOS,DIP,8PIN,PLASTIC LOW-POWER P SUPERVISOR CIRCUITS Low-power up Supervisor Circuit Low-Powerr uP Superrviissorr Ciirrccuiittss LOW-POWER μP SUPERVISOR CIRCUITS
|
IMP INC. IMP Inc IMP[IMP, Inc] A1 PROs co., Ltd.
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
M48T201Y09 M48T201V M48T201V-70MH1 M48T201V-70MH1E |
5.0 or 3.3 V TIMEKEEPER庐 supervisor 5.0 or 3.3 V TIMEKEEPER? supervisor
|
STMicroelectronics
|
X4323 X4325V8-4.5A |
RTC Module With CPU Supervisor CPU Supervisor with 32K EEPROM
|
INTERSIL CORP http://
|
TC32M TC32MCDB TC32MEZB TC32MCZB TC32MEDB TC32MEDB |
The TC32M is a fully-integrated processor supervisor in a 3-pin package. It provides three important functions to safeguard processor sanity: precision power on/off RESET control, watchdog timer and external RESET override. On power-up, th The TC32M is a fully-integrated processor supervisor in a 3-pin package. It provides three important functions to safeguard processor ... ECONOMONITOR? 3-Pin System Supervisor with Power Supply Monitor and Watchdog ECONOMONITOR. 3-Pin System Supervisor with Power Supply Monitor and Watchdog ECONOMONITOR⑩. 3-Pin System Supervisor with Power Supply Monitor and Watchdog CONNECTOR ACCESSORY
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
SG6510D1 SG6510X1 |
PC power supply supervisor to provide the voltage supervisor function, remote on/off PSON function, power good (PGO) indicator and fault protection (FPO) for switching poer systems. PC Power Supply Supervisors
|
System General (SG) ETC[ETC] List of Unclassifed Manufacturers
|