PART |
Description |
Maker |
LTC3709EUH |
Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
|
Linear Technology
|
LTC3708EUHTRPBF |
Fast 2-Phase, No RSENSE Buck Controller with Output Tracking; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, PQCC32
|
Linear Technology, Corp.
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
ISL6364 ISL6364CRZ ISL6364IRZ ISL6610 ISL6610A ISL |
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
ISL6364CCRZ |
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
|
Intersil Corporation
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
HCC4046B HCC4046BF HCF4046B HCF4046BEY HCC4046 HCC |
MICRMICROPOWER PHASE-LOCKED LOOP _ MICRMICROPOWER锁相环_ Analog Phase-Locked Loop Dual Line Driver 14-SOIC 0 to 70 IC,PHASE-LOCKED LOOP,CMOS,DIP,16PIN,CERAMIC From old datasheet system
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LTC4213CDDB LTC4213IDDB |
No RSENSE Electronic Circuit Breaker
|
Linear Technology
|
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
LTC3872EDDB LTC3872 |
No RSENSE Current Mode Boost DC/DC Controller
|
Linear Technology
|
LTC3772BEDDB |
Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
|
Linear Technology
|