PART |
Description |
Maker |
LTC1451IN8 LTC1451IS8 LTC1451CN8 LTC1451CS8 LTC145 |
12-Bit Rail-to-Rail Micropower DACs in SO-8(3V-5V2位满幅度微功耗电压输出数模转换器(SO-8封装 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX969EEE MAX969ESE MAX967 MAX967ESA MAX967EUA MAX |
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators 8-Bit Bus-Interface Flip-Flops With 3-State Outputs 24-CDIP -55 to 125 四路、微功耗、超低电压、满摆幅输入/输出比较 Single/Dual/Quad / Micropower / Ultra-Low-Voltage / Rail-to-Rail I/O Comparators Single/Dual/Quad Micropower Ultra-Low-Voltage Rail-to-Rail I/O Comparators From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1655L LTC1655LCS8PBF LTC1655LIS8PBF |
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package(16微功耗满幅度电压输出数模转换SO-8封装,内部基准1.25V)) 16位轨至轨微数模转换器采用SO - 8封装6位,微功耗满幅度电压输出数模转换器(以SO - 8封装.25V的内部基准) 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
LTC1659IS8 LTC1659CS8 LTC1659CMS8 LTC1659 1659F |
From old datasheet system 12-Bit Rail-to-Rail Micropower DAC in MSOP Package
|
LINER[Linear Technology]
|
LTC1446L LTC1446 LTC1446LIS8 LTC1446LCS8 LTC1446IS |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8 From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1658 1658I |
14-Bit Rail-to-Rail Micropower DAC From old datasheet system
|
Linear
|
LT1638 LT1638CMS8 LT1638CN8 LT1638CS8 LT1638IN8 LT |
1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps DUAL OP-AMP, 1250 uV OFFSET-MAX, 1.2 MHz BAND WIDTH, PDSO8 1.2MHz/ 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC1658CS8TRPBF LTC1658CN8PBF LTC1658IN8PBF |
14-Bit Rail-to-Rail Micropower DAC; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 12 us SETTLING TIME, 14-BIT DAC, PDSO8 14-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
LTC1657LCGN LTC1657LIN LTC1657L LTC1657LC LTC1657L |
Low-Power Dual LinCMOS<TM> Timer 14-SOIC -55 to 125 并行16位轨到轨微援 Parallel 16-Bit Rail-to-Rail Micropower DAC From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
ISL28006FH-100EVAL1Z ISL28006 ISL28006FH-20EVAL1Z |
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
|
Intersil Corporation
|