PART |
Description |
Maker |
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
LD1083 |
Fast Transient Response
|
TY Semiconductor Co., Ltd
|
1963AEFE33 963A15 963A25 963AMP 963A33 963A18 LT19 |
1.5A, Low Noise, Fast Transient Response 1.5A, Low Noise, Fast Transient Response LDO Regulators 1.5A, Low Noise, Fast Transient Response LDO Regulators
|
Linear Technology Linear Integrated Systems Linear Integrated Syste...
|
EV20046DN-00A |
Fast Transient Response, 2A Linear Regulator EV Board
|
Monolithic Power System...
|
EV20046DQ-00A |
Fast Transient Response, 2A Linear Regulator EV Board
|
Monolithic Power System...
|
LT1963AEFE LT1963AEFE-1.5 LT1963AEFE-1.5PBF LT1963 |
1.5A, Low Noise,Fast Transient Response LDO Regulators
|
Linear Technology
|
NCP57152DSADJR4G NCP57152MNADJTYG NCV57152MNADJTYG |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator 1.5A Very Low-Dropout (VLDO) Fast Transient Response Regulator
|
ON Semiconductor
|
NCV59151DS50R4G NCP59151DS50R4G |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
|
ON Semiconductor
|
MPQ20056-G-1.8 |
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
|
Monolithic Power System...
|
MAX8664BEEP_ MAX8664 MAX8664AEEP_ |
Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
|
MAXIM[Maxim Integrated Products]
|