PART |
Description |
Maker |
LC9947G |
1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device
|
SANYO[Sanyo Semicon Device]
|
293D |
Solid Tantalum Chip Capacitors, Molded, Standard EIA Case Sizings and Ratings, TANTAMOUNT?, Commercial, Surface Mount, Automatic Pick & Place Compatible, Optical Character Recognition Qualified
|
Vishay
|
B82498-BXXX |
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance
|
EPCOS
|
MCT2E MCT271 MCT2EVM MCT2200 MCT2201 MCT2202 MCT2 |
Multiconductor Paired EIA Industrial RS-485 Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER PHOTOTRANSISTOR OPTOCOUPLERS 光电晶体管光电耦合
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation http:// QT Optoelectronics Fairchild Semiconductor, Corp.
|
NFL18SP207X1A3D |
1 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0603, 3 PIN
|
Murata Manufacturing Co., Ltd.
|
SBSPP1000102MXR SBSPP1000152MXB SBSPP1000101MCR SB |
1 FUNCTIONS, 100 V, 1 A, DATA LINE FILTER EIA STD PACKAGE SIZE 1206
|
Syfer Technology, Ltd. SYFER TECHNOLOGY LTD
|
ADNS-2620 HDNS-2200001 HDNS-2100001 HLMP-ED80-XXXX |
Solid-State Optical Mouse Sensor ADNS-2620 · Small Form Factor, Entry-Level Optical Mouse Sensor with Performance Features
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
PE-0805CCMC181STS PE-0805CCMC121STH PE-0805CCMC670 |
1 FUNCTIONS, 50 V, 0.33 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.28 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.3 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.25 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.37 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
ADNS-2030 HDNS-2200 HDNS-2100 ADNK-2030 |
Solid-State Optical Mouse Sensor Sample Kit ADNS-2030 · High-performance, Low Power Optical Mouse Sensor (Optimized for Cordless Mouse Applications)
|
http:// AD[Analog Devices] Agilent (Hewlett-Packard)
|
MC3488ADR2 1N4001FF |
Dual EIA-423/EIA-232D Line Driver 1A 50V Standard Rectifier
|
ON Semiconductor
|
MC3488A-D |
Dual EIA-423/EIA-232D Line Driver
|
ON Semiconductor
|
B82432-A1152-K B82432-A1182-K B82432-A1472-K B8243 |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
|
EPCOS
|