PART |
Description |
Maker |
HI-8783PDIF HI-8783PSTF HI-8784PSIF HI-8784PSTF HI |
ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDIP22 ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDSO20 ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out 1 CHANNEL(S), SERIAL COMM CONTROLLER, PDSO24 ARINC 429 & 561 INTERFACE DEVICE
|
Holt Integrated Circuits, Inc. Holt Integrated Circuit...
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
HI-8686 HI-8685 HI-8685_06 HI-8685PJI HI-8685PJI-1 |
ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
|
HOLTIC[Holt Integrated Circuits]
|
AD7891AS-1 AD7891AS-2 AD7891AP-1 AD7891AP-2 AD7891 |
LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System 8-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL/PARALLEL ACCESS, PQCC44 CAT5E PATCH CORD 6 FOOT BEIGE 8-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL/PARALLEL ACCESS, PQCC44 LC2MOS 8-Channel/ 12-Bit High Speed Data Acquisition System
|
http:// Analog Devices, Inc.
|
M54610P |
8-BIT PARALLEL DATA INTERFACE FOR PRINTER
|
Mitsubishi
|
M54610P M54610 |
8-BIT PARALLEL DATA INTERFACE FOR PRINTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MP3274 MP3274AG MP3274AP MP3274SG |
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem 32-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CPGA68 From old datasheet system
|
Exar, Corp. EXAR[Exar Corporation]
|
MC100EP446FAG MC10EP446FAG |
8┸Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
|
ON Semiconductor
|
MAX1271ACAI-T MAX12528ETKTD MAX19507 MAX1267AEEG-T |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 Dual, 80Msps, 12-Bit, IF/Baseband ADC DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 双通道位130Msps ADC 双通道位130Msps ADC 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
M28C17-120K1TR M28C17-120K6TR M28C17-120WK1TR M28C |
CAP 470UF 10V ELECT MZA SMD 16千位2K × 8并行EEPROM,带有软件数据保 From old datasheet system 16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection 16 KBIT (2KB X8) PARALLEL EEPROM WITH SOFTWARE DATA PROTECTION
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX1293BCEG |
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Products, Inc.
|