PART |
Description |
Maker |
0603YC102K4Z4A 0603YC102M4Z4A 0603YC102J4Z4A 0603Y |
CAPACITOR, CERAMIC, MULTILAYER, 16 V, X7R, 0.001 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, X7R, 0.01 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT MLCC with FLEXITERM? With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength. MLCC with FLEXITERM General Specifications With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength. MLCC with FLEXITERM MLCC with FLEXITERM General Specifications With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength.
|
AVX, Corp. AVX Corporation
|
08051104J4Z2A 08051104K4Z2A 08051104KAZ2A 08051104 |
MLCC with FLEXITERM MLCC with FLEXITERM General Specifications MLCC with FLEXITERM MLCC with FLEXITERM General Specifications
|
AVX Corporation
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
PS205KVP8.2PF/-2PFR16 PS405KVP1000PF/-10N2200 PS20 |
CAPACITOR, CERAMIC, 0.0000082 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.001 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00039 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00002 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000022 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000027 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000068 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00012 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
HDMP-1526 |
Transistor Diode Kit;Contents Of Kit:Transistor/Diode Kit Fibre Channel Transceiver Chip
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HYS72D128300GBR-7-B HYS72D128321GBR-7-B HYS72D2563 |
Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; No. of Ports:1 RoHS Compliant: Yes Connector Wall Plate; Color:Electric White; Leaded Process Compatible:Yes; Series:PS5e; No. of Ports:2 RoHS Compliant: Yes Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 4V; Case Size: 8x12 mm; Packaging: Bulk Category 6 Termination Kit; Contents Of Kit:GigaBIX mount, color-coded GigaBIX connectors, wire guards, designation strips and labels, Velcro tie and installation guide RoHS Compliant: Yes Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; Series:PS5e; No. of Ports:2 RoHS Compliant: Yes Aluminum Polymer Radial Lead Capacitor; Capacitance: 560uF; Voltage: 4V; Case Size: 8x9 mm; Packaging: Bulk Category 6 Termination Kit; Contents Of Kit:GigaBIX mount, color-coded GigaBIX connectors, wire guards, designation strips and labels, Velcro tie and installation guide RoHS Compliant: Yes 184针注册双倍数据速率SDRAM模块
|
Infineon Technologies AG
|
28C16A-20E/K 28C16A-20E/J 28C16A-20E/L 28C16A-15E/ |
Evaluation Kit for the MAX5092B, MAX5092A, MAX5093B, MAX5093A Evaluation Kit for the MAX5090 Evaluation Kit for the MAX5080, MAX5081, MAX5082, MAX5083 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
NBX-10915 NBX-10970 |
LOCKING HASP KIT, INTERNAL PANEL HINGED BRACKET KIT
|
Bud Industries, Inc. http://
|
LMF3D502W2851 |
Series KIT LMF Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
|
Vishay Sfernice
|
MH32S72BBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:7.5VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:780uF
|
Mitsubishi Electric Corporation
|
UP025SL120J-B-BZ UP025SL150J-B-BZ UP025SL010D-B-BZ |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, SL, 0.000012 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, SL, 0.000015 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, SL, 0.000001 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, SL, 0.00001 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0047 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.018 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0027 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0039 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0022 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0015 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0018 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0056 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.012 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.022 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0012 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0033 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.01 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, B, 0.0068 uF, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
Taiyo Yuden Co., Ltd.
|
43001.5RA000 430002RA000 430001RA000 430003RA000 |
FUSE SMD SLO BLO 1.5A FUSE SMD SLO BLO 2.0A 保险丝贴片斯洛伐克BLO 2.0安培 Evaluation System/Evaluation Kit for the MAX6655, MAX6656 保险丝贴片斯洛伐克BLO安培 8V CMOS Switched-Capacitor Voltage Converter
|
Microsemi, Corp. NorComp
|
|