PART |
Description |
Maker |
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
GRT32DC81C106KE01 |
Chip Monolithic Ceramic Capacitor meet AEC-Q200 for Infotainment
|
Murata Manufacturing Co...
|
MCR006YLPFL MCR03EZPFL MCR100JZHFS MCR18EZHFS MCR1 |
Thick Film Chip Resistors Low Ohmic <Automotive *Corresponds to AEC-Q200>
|
ROHM
|
MPQ2451 MPQ2451DT-AEC1 MPQ2451DG MPQ2451DG-AEC1 |
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
|
Monolithic Power Systems
|
T491A106K016ATAUTO |
Capacitor, Tantalum, SMD, MnO2, Molded, Auto, AEC-Q200, 10 uF, 3216, /-10% Tol, 16 V (85C)
|
Kemet Corporation
|
PATT0603K10R0BGT1 PATT0603K10R0BGTF PATT0603K10R0B |
Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
|
Vishay Siliconix
|
BSS89 Q62702-S619 Q62702-S385 Q62702-S519 |
Capacitor Kit;Contents Of Kit:16 different capacitance values, 20 pcs. per value 300 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) SIPMOS小信号晶体管(N通道增强模式的逻辑电平
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
NFE61HT330U2A9L NFE61HT330U2A9B NFE61HT361C2A9B NF |
This reference specification applies to Chip EMIFIL ? LC Combined Type for Large Current NFE61H Series for Automotive Electronics based on AEC-Q200
|
Murata Manufacturing Co...
|
CY4640 CY3663 |
EZ-Host?Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support EZ-Host?Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor
|
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
MPQ2451DG MPQ2451DG-AEC1 MPQ2451DT MPQ2451DT-AEC1 |
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
|
MPS Industries, Inc.
|
GCM21BC72A105KE36 |
Chip Monolithic Ceramic Capacitor for Automotive
|
Murata Manufacturing Co...
|