PART |
Description |
Maker |
BC328-16/E6 BC328/E6 BC328-40/E6 BC327/E6 BC327-40 |
IC MAX 7000 CPLD 64 100-TQFP MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 100-TQFP MAX 7000 CPLD 192 MC 160-PQFP MAX 7000 CPLD 32 MC 44-TQFP MAX 3000A CPLD 32 MC 44-TQFP MAX 7000 CPLD 256 MC 100-FBGA 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 800mA的一(c)|26AA 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
Mitsubishi Electric, Corp. VISHAY SEMICONDUCTORS
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
EPM7032LC44-15 EPM7160SLC84-10 EPM7160SLC84-6 EPM7 |
Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 20ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 6ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 12ns Programmable logic , 96 macrocells, 6 logic array blocks, 52 I/O pins, 15ns Programmable logic , 128 macrocells, 8 logic array blocks, 100 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 7ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 12ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 12ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 15ns Programmable logic , 160 macrocells, 10 logic array blocks, 84 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 104 I/O pins, 10ns Programmable Logic Device Family 可编程逻辑器件系列 Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 6ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 20ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 20ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 7ns Programmable logic , 96 macrocells, 6 logic array blocks, 64 I/O pins, 15ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 10ns Programmable logic , 96 macrocells, 6 logic array blocks, 76 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 10ns
|
Altera, Corp. Altera Corporation
|
TS971 TS971I TS971ID TS971ILT TS972 TS972I TS972ID |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8 DUAL OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO8 OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS From old datasheet system
|
STMICROELECTRONICS[STMicroelectronics]
|
EPM7128A EPM7512AE EPM7128AETC144-7 EPM7512AEBC256 |
Programmable Logic , 512 Macrocells, 32 Logic Array Blocks, 176 I/o Pins, 10ns Programmable Logic , 256 Macrocells, 16 Logic Array Blocks, 120 I/o Pins, 10ns Programmable Logic Device
|
ALTERA[Altera Corporation]
|
TSC51C1XXX-12IB TSC51C1XXX-A12IB TSC51C1XXX-A16IB |
IC FLEX 10K FPGA 20K 144-TQFP IC FLEX 10KV FPGA 50K 356-BGA IC MAX 7000 CPLD 64 68-PLCC IC FLEX 10KV FPGA 50K 240-PQFP IC FLEX 10KE FPGA 50K 240-PQFP IC FLEX 10K FPGA 50K 240-RQFP IC FLEX 10KA FPGA 30K 208-PQFP IC FLEX 10KS FPGA 50K 240-PQFP IC MAX 7000 CPLD 64 84-PLCC IC FLEX 10K FPGA 40K 208-RQFP IC MAX 7000 CPLD 32 44-PLCC IC MAX 7000 CPLD 64 100-TQFP IC FLEX 10K FPGA 30K 208-RQFP 8-BIT MICROCONTROLLER 8位微控制 IC FLEX 10KA FPGA 30K 240-PQFP 8位微控制
|
Marvell Semiconductor, Inc. STMicroelectronics N.V.
|
MAX990EUA-T MAX994 MAX989EUA-T MAX990ESA MAX990EKA |
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, 300 ns RESPONSE TIME, PDSO8 Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, PDSO8 Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators COMPARATOR, 7000 uV OFFSET-MAX, PBGA6
|
Maxim Integrated Products, Inc.
|
EPM7032AETI44-7 EPM7064AETI44-7 EPM7128AETI144-7 E |
Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 100 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 41 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 41 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 41 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 10ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 4ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 10ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 4ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 5ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 7ns Programmable logic , 256 macrocells, 16 logic array blocks, 120 I/O pins, 7ns
|
Altera Corporation
|
Z0110NA/2AL2 Z0110NN/2AL2 Z0107MA/1AA2 Z0109MA/1AA |
TRIAC|800V V(DRM)|1A I(T)RMS|TO-92 MEMORY 16MBYTES 3 VOLT STRATAFLASH 56-LEAD TSOP 256MB SDRAM SODIMM IC APEX 20KE FPGA 200K 484-FBGA IC, ISP EPM7192SQC160-7 IC MAX 7000 CPLD 32 44-PLCC FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No CPLD Logic IC; Logic Type:Programmable; No. of Macrocells:64; Package/Case:68-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 8Mb Boot Block Flash TRIAC|700V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 Programmable Logic IC; Logic Type:Programmable; Package/Case:84-PLCC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|TO-92 可控硅| 600V的五(DRM)的| 1A条口T)的有效值|92 TRIAC|700V V(DRM)|1A I(T)RMS|TO-92 可控硅| 700V的五(DRM)的| 1A条口(T)的有效值|2 TRIAC|600V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 600V的五(DRM)的| 1A条口(T)的有效值|采用SOT - 223 TRIAC|800V V(DRM)|1A I(T)RMS|SOT-223 可控硅| 800V的五(DRM)的| 1A条口T)的有效值|采用SOT - 223
|
Electronic Theatre Controls, Inc. NXP Semiconductors N.V. OMRON Scientific Technologies, Inc. Supertex, Inc. TE Connectivity, Ltd. Omron Electronics, LLC
|
LM358G-SM1-R LM358G-P08-R LM358G-D08-T LM358G-P08- |
DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, DIP8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, SIP9 DUAL OPERATIONAL AMPLIFIER
|
Unisonic Technologies Co., Ltd.
|
DCG015 |
MACH4 ISP EEPLD, SMD, TQFP144, 5V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:5V; Case style:TQFP; Base number:4; I/O lines, No. of:96; Logic function number:M4; Macrocells, No. of:192; Pins, RoHS Compliant: Yes High-Speed Switching Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
|