PART |
Description |
Maker |
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTB20-600BW BTB20-600CW BTB20-700BW BTB20-700CW BT |
700 V, 20 A, SNUBBERLESS TRIAC, TO-220AB From old datasheet system SNUBBERLESS TRIACS 20A TRIACS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BTA24 BTA24-600 BTA24-600B BTA24-600BW BTA24-600CW |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 65C; Standard 2 x 1 Package STANDARD TRIACS 25A TRIACS 25A条双向可控硅
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BTA204SERIESBANDC BTA204-600E BTA204 BTA204-800C B |
Three quadrant triacs high commutation(三象限双向高换向可控 三象限晶闸管高减刑(三象限双向高换向可控硅) Three quadrant triacs guaranteed commutation Threequadranttriacshighcommutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
PHILIPS
|
MAC4DLM-D MAC4DLM-1G |
Sensitive Gate Triacs; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BTA204-600E BTA204SERIESDEANDF BTA204SERIESD.EANDF |
Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors]
|
Q4004LT Q6015LT Q6015LTH Q2010LT Q4015LT Q4015LTH |
Internally Triggered Triacs (4 A to 15 A) Power Driver IC; Driver Type:Sink; Source Output Current Max:600mA; Package/Case:22-DIP; Leaded Process Compatible:Yes; No. of Drivers:8; Output Current Max:600mA; Output Voltage Max:50V; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A5甲) Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A15甲)
|
TECCOR[Teccor Electronics] Littelfuse, Inc. TE Connectivity, Ltd.
|
BTA216BSERIESB BTA216B-500B |
Triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
BTA216X-800B BTA216X-800C BTA216X-800F BTA216X BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|
MAC4DSM-001G MAC4DSN-001G |
Triacs Silicon Bidirectional Thyristors 600 V, 4 A, TRIAC Triacs Silicon Bidirectional Thyristors 800 V, 4 A, TRIAC
|
ON Semiconductor
|