PART |
Description |
Maker |
HV209X HV209 HV209FG |
12-Channel High Voltage Analog Switch RES ALUM HOUSED WW 5.0K OHM 90W RES ALUM HOUSED WW 750 OHM 90W
|
Supertex Inc SUTEX[Supertex, Inc] Supertex, Inc.
|
HLG-80H-C |
90W Single Output LED Power Supply
|
Mean Well Enterprises Co., Ltd.
|
NND15-1515 NND15-1212 NNS1524 NNS155 NNS1512 NNS15 |
High Reliability 15 to 90W Linear Power Supplies
|
TDK Electronics
|
MRF1090MB |
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
|
M/A-COM Technology Solutions, Inc.
|
PH3135-90S |
Radar Pulsed Power Transistor, 90W,2ms Pulse,10%Duty 3.1-3.5GHz 雷达脉冲功率晶体管,90瓦,2毫秒脉冲0%的.1 - 3.5GHz频段
|
3M Company Tyco Electronics
|
TA2022 EB-TA2022 |
STEREO 90W (4? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP? TECHNOLOGY STEREO 90W (4? CLASS-T?/a> DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP? TECHNOLOGY
|
Tripath Technology Inc. http://
|
AS1860 |
60W/90W PoE PD Controllers
|
List of Unclassifed Man...
|
EVL6699-90WADP |
19V - 90W Adapter with PFC for Laptop computers using the L6563H and L6699 19 V - 90 W adapter with PFC for laptop computers based on the L6563H and L6699
|
ST Microelectronics STMicroelectronics
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
AT73C203 |
Power Management IC for Datacom Platforms 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PBGA100 The AT73C203 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with portable and hand-held applications built around microprocessors requiring smart power management functions. It includes all r
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|