PART |
Description |
Maker |
AM1-PCB SE-AM1402 |
High Dynamic Range Gain Block SE-AM1402
|
WJ Communication. Inc.
|
AMC-155SNA |
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
|
Tyco Electronics
|
AGB3306S24Q1 AGB3306 AGB3306_REV_1.2 |
The AGB3306 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, ... 50W High Linearity Low Noise Wideband Gain Block From old datasheet system Gain Block Amplifiers
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
AGB3311 AGB3311S24Q1 AGB3311_REV_1.0 |
50 High Linearity Low Noise Internally Biased Wideband Gain Block 50?/a> High Linearity Low Noise Internally Biased Wideband Gain Block 50蟹 High Linearity Low Noise Internally Biased Wideband Gain Block 50з High Linearity Low Noise Internally Biased Wideband Gain Block From old datasheet system
|
ANADIGICS[ANADIGICS, Inc]
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
TQL9047 TQL9047-15 |
High Linearity Gain Block
|
TriQuint Semiconductor
|
TQP3M9005-PCB TQP3M9005-15 |
High Linearity LNA Gain Block
|
TriQuint Semiconductor
|
TQP3M9035-PCB |
High Linearity LNA Gain Block
|
TriQuint Semiconductor
|
TQP3M9018 TQP3M9018-PCBIF TQP3M9018-PCBRF |
High Linearity LNA Gain Block
|
TriQuint Semiconductor
|
MGA-30989-BLKG |
2 - 6GHz, High Linearity Gain Block
|
AVAGO TECHNOLOGIES LIMITED
|