PART |
Description |
Maker |
ADG901 ADG902 |
Wideband, 43 dB Isolation @ 1 GHz, CMOS 1.65 V to 2.75 V, Absorptive/Reflective Switches
|
Analog Devices
|
SS-30 |
SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
|
SIRENZA MICRODEVICES
|
ADG936BCP-R-500RL7 ADG936BCP-R-REEL ADG936BRU-REEL |
Wideband 4 GHz 36 dB Isolation at 1 GHz CMOS 1.65 V to 2.75 V Dual SPDT
|
Analog Devices
|
ISO120G |
ISOLATION AMPLIFIER, 1500 V ISOLATION-MIN, 60 kHz BAND WIDTH, CDIP16
|
|
BM6104FV-C BM6104FV-CE2 |
Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
|
Rohm
|
BM6102FV-C BM6102FV-CE2 |
Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
|
Rohm
|
ISO100AP |
ISOLATION AMPLIFIER, 530.33 V ISOLATION-MIN, 60 kHz BAND WIDTH, CDIP18
|
|
HCPL-7825OPTION500 HCPL-7825OPTION300 HCPL-7820OPT |
ISOLATION AMPLIFIER, 3750 V ISOLATION-MIN, 200 kHz BAND WIDTH, PDSO8
|
Agilent Technologies, Inc. Sumida, Corp.
|
BFG520W BFG520W_X BFG520W/X |
NPN 9GHz wideband transistor(NPN 9G赫兹 宽带晶体 NPN 9 GHz wideband transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
HA3-2625-5 HA9P2625-5 HA9P2625-9 HA-2620 HA-2625 H |
From old datasheet system 100MHz High Input Impedance Very Wideband Uncompensated Operational Amplifiers 100MHz/ High Input Impedance/ Very Wideband/ Uncompensated Operational Amplifiers INDUCTOR PWR TOROID 2.5UH SMD 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
UPC2726T00 UPC2726T-E3 UPC2726T |
1.6 GHz DIFFERENTIAL WIDEBAND SILICON WIDEBAND SILICON
|
NEC[NEC]
|