PART |
Description |
Maker |
AD806706 AD8067ARTZ-R2 AD8067ARTZ-REEL AD8067 |
High Gain Bandwidth Product, Precision Fast FET?Op Amp High Gain Bandwidth Product, Precision Fast FET⑩ Op Amp High Gain Bandwidth Product, Precision Fast FET?/a> Op Amp High Gain Bandwidth Product, Precision FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|
MCP6021 MCP6024 MCP6022 MCP6024T-I_ST MCP6021-E_P |
The MCP6022 dual operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6021 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... The MCP6024 quad operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6023 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... Rail-to-Rail Input/Output 10 MHz Op Amps Rail-to-Rail Input/Output, 10 MHz Op Amps
|
MICROCHIP[Microchip Technology]
|
IL300-F-X006 IL300-EF-X016 |
Optocoupler DC-IN 1-CH Linear Photovoltaic DC-OUT 8-Pin PDIP-8A Linear Optocoupler, High Gain Stability, Wide Bandwidth
|
Vishay Semiconductors Vishay Siliconix
|
LTC2153-14 LTC2160 LTC2161 LTC2162 LTC6400-14 LTC6 |
50Ω Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
|
Linear Technology
|
LM1458 LM741 LM1558 CA741 CA741C CA1458 LM741C CA1 |
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS High-gain operational amplifier
|
Harris Corporation Harris Semiconductor
|
MP7643 |
4-Channel Programmable Gain Voltage Output 15 MHz Input Bandwidth 8-Bit DACs
|
Exar Corporation
|
AGB3306S24Q1 AGB3306 AGB3306_REV_1.2 |
The AGB3306 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, ... 50W High Linearity Low Noise Wideband Gain Block From old datasheet system Gain Block Amplifiers
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
MGA-30689-BLKG |
40MHz - 3000MHz Flat Gain High Linearity Gain Block
|
AVAGO TECHNOLOGIES LIMITED
|
MGA-30889-BLKG |
Flat Gain High Linearity Gain Block
|
AVAGO TECHNOLOGIES LIMITED
|
MP7643AN MP7643AS |
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
|
Exar Corporation
|
2SD2114K 2SD2144S A5800324 2SD2114KW 2SD2144SU 2SD |
High-current Gain MediumPower Transistor (20V/ 0.5A) High-current Gain MediumPower Transistor (20V, 0.5A) High-current Gain Medium Power Transistor (20V,0.5A) From old datasheet system
|
Rohm CO.,LTD. ROHM[Rohm]
|