PART |
Description |
Maker |
CY7C4271V-15JC CY7C4271V-15JI CY7C4271V-25JC CY7C4 |
16Kx9 Low Voltage Deep Sync FIFOs(16Kx9低压深同步先进先出(FIFO 16K/32K/64K/128K x 9 Low-Voltage Deep Sync⑩ FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?/a> FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?FIFOs
|
Cypress Semiconductor Corp.
|
CY7C4282V03 CY7C4282V-10ASC CY7C4282V-15ASC CY7C42 |
Memory : FIFOs 64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
|
Cypress Semiconductor
|
CY7C425505 CY7C4265-10ASXC CY7C4265-10AXI |
8K/16K x 18 Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4265 CY7C4255 7C4255 |
8K/16Kx18 Deep Sync FIFOs From old datasheet system
|
Cypress
|
CY7C4271V-10JXC CY7C4281V-10JXC CY7C4261V-10JXC CY |
16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4841 CY7C4831-10AC CY7C4831-10AI CY7C4831-25AC |
Memory : FIFOs 256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
|
Cypress Semiconductor
|
OX16C950-PCC60-B |
128-byte deep FIFOs for the transmitter and receiver.
|
Oxford Semiconductor
|
CY7C466A-10PTC CY7C464A-10PTC CY7C462A-15JC CY7C46 |
Asynchronous/ Cascadable 8K/16K/32K/64K x9 FIFOs Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs 64K X 9 OTHER FIFO, 10 ns, PDIP28
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|
CY7C1214H-100AXC CY7C1214H-100AXI CY7C1214H-133AXC |
1-Mbit (32K x 32) Flow-Through Sync SRAM
|
Cypress Semiconductor
|