PART |
Description |
Maker |
2SA1295 |
POWER TRANSISTORS(17A/230V/200W) POWER TRANSISTORS(17A,230V,200W)
|
MOSPEC[Mospec Semiconductor]
|
FRP1000 FRP1010 FRP1015 FRP1020 FRP2010CC FRP2020C |
Ultra-fast POWER planar?/a> Rectifiers 10-20 A, 50-200 V Ultra-fast POWER planar Rectifiers 10-20 A, 50-200 V Ultra-fast POWER planar⑩ Rectifiers 10-20 A, 50-200 V Ultra-fast POWER planar Rectifiers 10-20 A/ 50-200 V Ultra-fast POWER planarRectifiers 10-20 A, 50-200 V CAP 120PF 50V 5% NPO(C0G) SMD-0603 TR-7-PA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
KIA7031 KIA7019 KIA7019AF KIA7019AP KIA7019AT KIA7 |
CONDUCTIVE LEVEL CONTROLLER, 230V; Power consumption:5VA; Range:85 to 110% of rated voltage; Resistance, insulation:100MR; Temp, op. max:60(degree C); Temp, op. min:-20(degree C); Voltage, supply:230V ac; Voltage, supply max:230V ac; 双极线性集成电路(电压检测) BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR) 双极线性集成电路(电压检测) LEVEL CONTROLLER, MINI, 240V; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:1500V; Length / Height, external:50mm; Power consumption:3.2W; Power, coil AC:3.2VA; Temp, op. max:55(degree C); Temp, op. LEVEL CONTROLLER, MINI, 110V; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:1500V; Length / Height, external:50mm; Power consumption:3.2W; Power, coil AC:3.2VA; Temp, op. max:55(degree C); Temp, op. (KIA7019 - KIA7045) BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR) Active Low Voltage Detector
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
LR2000 |
2000W 230V AVR Line Conditioner, Power Conditioner
|
Tripp Lite. All Rights ...
|
APT20M22LVFR APT20M22LVFRG |
Power FREDFET; Package: TO-264 [L]; ID (A): 100; RDS(on) (Ohms): 0.022; BVDSS (V): 200; 100 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 100A 0.022 Ohm
|
Microsemi, Corp. Advanced Power Technology
|
MTY55N20E MTY55N20E_D ON2720 |
TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM 55 A, 200 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ON Semi
|
APT20M38BVR APT20M38BVRG |
Power MOSFET; Package: TO-247 [B]; ID (A): 67; RDS(on) (Ohms): 0.038; BVDSS (V): 200; 67 A, 200 V, 0.038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 67A 0.038 Ohm
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
IRF9510 FN2214 |
From old datasheet system 3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET 3.0A/ 100V/ 1.200 Ohm/ P-Channel Power MOSFET 3.0A, 100V, 1.200 Ohm, P-Channel Power
MOSFET(3.0A, 100V, 1.200 Ω,P沟道功率MOS场效应管)
|
Intersil Corporation
|
CM200TU-12H |
Six IGBTMOD 200 Amperes/600 Volts 240 x 128 pixel format, CFL Backlight with power harness 200 A, 600 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
4PS0400R06KE3-3G |
2x 300A AC at 230V AC, forced air (fan not implemented)
|
Infineon Technologies AG
|
6PS0300R06KE3-3G |
3x 243A AC at 230V AC, forced air (fan not implemented)
|
eupec GmbH
|
APSX6048VRNET |
PowerVerter APS X 6000W 48VDC 208/230V
|
Tripp Lite. All Rights ...
|
|