PART |
Description |
Maker |
FFB2227A FMB2227A FMB2227AL99Z FMB2227ANL |
NPN & PNP Complementary Dual Transistor 500 mA, 30 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP General Purpose Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
MPSA13RA |
NPN Darlington Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1200 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SC4694 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN Epitaxial Planar Silicon Transistor for Low-Frequency General-Purpose Amplifier,Muting Applications(低频通用放大器,噪声抑制应用的NPN硅外延平面型晶体 NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier, Muting Applications
|
Hitachi,Ltd. Sanyo Electric Co.,Ltd.
|
BC637L34Z BC637D26Z |
NPN Epitaxial Silicon Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
CMXT3946 |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SURFACE MOUNT SUPERmin DUAL COMPLEMENTARY SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CMXT2207 |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SURFACE MOUNT SUPERmini DUAL COMPLEMENTARY SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2SC4187 2SC4187R6C 2SC4187-T1 2SC4187-T2 |
Silicon transistor MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 8V的五(巴西)总裁| 5mA的一(c)|的SOT - 323
|
NEC[NEC] NEC, Corp.
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2SC2351 2SC2351-E 2SC2351-P 2SC2351-F 2SC2351-Q |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 70MA I(C) | SOT-346 晶体管|晶体管|叩| 12V的五(巴西)总裁|提供70mA一(c)|的SOT - 346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN SILICON HIGH FREQUNY TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|