PART |
Description |
Maker |
M29F800DB90N3T |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 5V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M29W800DB |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics STMicroelectronics
|
M29F800D |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) 5V SUPPLY FLASH MEMORY
|
STMicroelectronics
|
29F800 M29F800AB M29F800AT -M295V800AB90N3T M295V8 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:28; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory 8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Single Supply Flash Memory
|
ST Microelectronics 意法半导 STMicroelectronics
|
M29F800AB90M1 M29F800AB90N1 |
8 MBIT (1MB X8 OR 512KB X16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY
|
SGS Thomson Microelectronics
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36D0R6040T0ZAIT M36D0R6040B0ZAI M36D0R6040B0ZAIE |
64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W832TE8 M36W832TE M36W832BE70ZA6T M36W832BE70ZA |
32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product 32 Mbit 2Mb x16 Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M29W160 M29W160BB M29W160BB120N1T M29W160BT120M6T |
16 Mbit 2Mb x8 or 1Mb x16 / Boot Block Low Voltage Single Supply Flash Memory 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory 16兆位Mb x8兆x16插槽,引导块低压单电源闪
|
ST Microelectronics IXYS, Corp. STMicroelectronics N.V.
|