PART |
Description |
Maker |
TC1070VCT TC1070 |
50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
|
TELCOM[TelCom Semiconductor, Inc]
|
TC1014 TC1185 TC1014-2.7VCTTR TC1015-3.0VCT718 TC1 |
2.85 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 3 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 (TC1015) CMOS LDOs with Shutdown and Reference Bypass (TC1014 / TC1015 / TC1185) CMOS LDOs with Shutdown and Reference Bypass 50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass 2.7 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5
|
Microchip Technology Inc.
|
TC1073-3.3VCH713 TC1072-2.7VCH713 TC1072-2.5VCH713 |
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
|
Microchip Technology
|
TC1265_06 TC1265-1.8VAT TC1265-1.8VET TC1265-1.8VE |
1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO8 0.150 INCH, PLASTIC, MS-012, SOIC-8 800 mA Fixed-Output CMOS LDO with Shutdown
|
NEC, Corp. MICROCHIP[Microchip Technology]
|
TC1017-1.8VCT TC1017-2.9VCT TC1017-2.9VLT |
150 mA, Tiny CMOS LDO With Shutdown
|
Microchip Technology Inc.
|
TC1263 TC1263-25VAT |
500mA fixed output CMOS LDO with shutdown, 2.5V
|
MICROCHIP[Microchip Technology]
|
TC110713 |
300mA CMOS LDO with Shutdown and VREF Bypass Linear Regulators
|
Microchip Technology Microchip Technology, Inc.
|
TC1306_07 TC1306R-BDVUA |
Dual 150mA CMOS LDO With Select Mode⑩ Operation, Shutdown and RESET Output
|
MICROCHIP[Microchip Technology]
|
TC1265 TC1265-1.8VAT TC1265-1.8VET TC1265-1.8VETTR |
800 mA Fixed-Output CMOS LDO with Shutdown 800毫安固定输出CMOS低压带有关断 CAP 1000PF 630V CERAMIC X7R 1206 The TC1265 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TC2014_06 TC201406 TC2015-2.7VCTTR TC2015-3.0VCTTR |
50 mA, 100 mA, 150 mA CMOS LDOs with 50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass 2.7 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
MICROCHIP[Microchip Technology]
|
ADP1720 ADP1720-33 ADP1720-50 ADP1720-ADJ |
50mA High-Voltage Micro-power LDO in MSOP
|
Analog Devices
|