PART |
Description |
Maker |
MXP4003 |
InGaAs/InP PIN Photo Detectors
|
Microsemi
|
LX3051 |
InGaAs/InP PIN Photo Detectors
|
Microsemi
|
5S25.030LCD |
Single Output Isolated DC/DC converter (Out 25V 30 mA Inp 4.5 - 5.0V)
|
Calex Electronics Limited
|
LMC10NEG LMC10NEG3347-J28 LMC10NEG3347-J57 LMC10NE |
10Gb/s Compact InP MZ Modulator with DWDM Laser
|
Bookham, Inc.
|
ADM1192NBSP |
Digital Power Monitor with Alert and ClearB Inp
|
Analog Devices, Inc
|
5S12.165RM |
Single Output Isolated DC/DC converter (Out 12V 165 mA Inp 4.5 - 5.5V)
|
Calex Electronics Limited
|
5S12.250UM |
Single Output Isolated DC/DC converter (Out 12V 250 mA Inp 4.5 - 5.5V)
|
Calex Electronics Limited
|
OL303A OL301A |
1.3 UM INGAASP/INP LASER DIODES DEVELOPED AS LIGHT SOURCES FOR FIBER OPTIC COMMUNICATIONS AND OPTICAL EQUIPMENT
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
24LC02BTI_SNG 24LC02BI_SNG 24LC02BI_OTG 24LC02BI_P |
The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C ... The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24AA02 features hardware write protect, Schmitt trigger inp 2K I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|