PART |
Description |
Maker |
NTE5548 NTE5541 NTE5545 |
Silicon controlled rectifier (SCR). Repetitive peak off-state & reverse voltage Vdrm,Vrrm = 400V. RMS on-state current 35A. Silicon Controlled Rectifier (SCR) 35 Amp
|
NTE[NTE Electronics]
|
TYN058 |
SILICON CONTROLLED RECTIFIER,50V V(DRM) Silicon controlled rectifiers From old datasheet system
|
ST Microelectronics
|
X0405BE X0403ME |
SILICON CONTROLLED RECTIFIER,200V V(DRM),4A I(T),TO-202 SILICON CONTROLLED RECTIFIER,600V V(DRM),2.4A I(T),TO-202 From old datasheet system
|
ST Microelectronics
|
BT152F-600 BT152F |
600V Vdrm 20A Sensitive Gate Silicon Controlled Rectifier, 1.7@40AV Peak On-State Voltage, 200V/μs Rise of Off-State Voltage Silicon Controlled Rectifiers
|
SEMIWELL[SemiWell Semiconductor]
|
IRKH41-12 IRKH41-14 |
Silicon Controlled Rectifier, 62.8 A, 1200 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1400 V, SCR, TO-240AA
|
Vishay Semiconductors
|
SM12CXC220 SM34CXC614 SM36CXC604 SM38CXC624 SM38CX |
860 A, 1200 V, SILICON, RECTIFIER DIODE 1160 A, 3400 V, SILICON, RECTIFIER DIODE 1010 A, 3600 V, SILICON, RECTIFIER DIODE 1106 A, 3800 V, SILICON, RECTIFIER DIODE 2640 A, 3800 V, SILICON, RECTIFIER DIODE 1106 A, 3400 V, SILICON, RECTIFIER DIODE 435 A, 1500 V, SILICON, RECTIFIER DIODE 440 A, 600 V, SILICON, RECTIFIER DIODE 1160 A, 3800 V, SILICON, RECTIFIER DIODE 1160 A, 4200 V, SILICON, RECTIFIER DIODE 940 A, 800 V, SILICON, RECTIFIER DIODE 940 A, 1800 V, SILICON, RECTIFIER DIODE 940 A, 400 V, SILICON, RECTIFIER DIODE 940 A, 1000 V, SILICON, RECTIFIER DIODE 940 A, 600 V, SILICON, RECTIFIER DIODE 940 A, 1600 V, SILICON, RECTIFIER DIODE 1106 A, 4000 V, SILICON, RECTIFIER DIODE 310 A, 2600 V, SILICON, RECTIFIER DIODE 370 A, 2600 V, SILICON, RECTIFIER DIODE 2700 A, 2600 V, SILICON, RECTIFIER DIODE 860 A, 1400 V, SILICON, RECTIFIER DIODE 440 A, 400 V, SILICON, RECTIFIER DIODE 440 A, 800 V, SILICON, RECTIFIER DIODE 435 A, 1600 V, SILICON, RECTIFIER DIODE 435 A, 1800 V, SILICON, RECTIFIER DIODE 527 A, 3200 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
IRKL91-14S90 KT91-08S90 KT91-14S90 KT92-08 |
Silicon Controlled Rectifier, 141.3 A, 1400 V, SCR, TO-240AA Silicon Controlled Rectifier, 141.3 A, 800 V, SCR, TO-240AA
|
Vishay Semiconductors
|
C106 C106S C106A C106B C106C C106D C106E C106F C10 |
4A sensitive-gate silicon controlled rectifier. Vrrm 700V. 4-A Sensitive-Gate Silicon Controlled Rectifiers
|
General Electric Solid State GESS[GE Solid State] http://
|
MCR649AP-9 MCR649AP-3 MCR649AP-4 MCR649AP-8 MCR649 |
SILICON CONTROLLED RECTIFIER
|
Digitron Semiconductors
|
|