PART |
Description |
Maker |
HCS86MS FN3058 HCS86DMSR HCS86D HCS86HMSR HCS86K H |
Exclusive-OR Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened Quad 2-Input Exclusive OR Gate From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IDT74LVCH1G86DY IDT74ALVC1G86 IDT74ALVC1G86DY IDT7 |
Adjustable Precision Shunt Regulator 3-TO-92 -40 to 85 3.3V CMOS Single 2 Input Exclusive-Or Gate 3.3V CMOS SINGLE 2-INPUT EXCLUSIVE-OR GATE
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MC10H107 MC10H107FN MC10H107L MC10H107P ON0742 MC1 |
From old datasheet system Triple 2-Input Exclusive OR/Exclusive NOR Gate 0.3A, 2.7 to 5.5V Dual (2 Input/ 2 Output) High-Side MOSFET Switch IC, Fault Reporting, 2 Act-Lo En 8-SOIC 0 to 85 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc Motorola Mobility Holdings, Inc.
|
74LVC2G86GF 74LVC2G86GM 74LVC2G86GS 74LVC2G86GN |
Dual 2-input EXCLUSIVE-OR gate LVC/LCX/Z SERIES, DUAL 2-INPUT XOR GATE, PDSO8 Dual 2-input EXCLUSIVE-OR gate 输入异或
|
NXP Semiconductors N.V.
|
MC10H016FNG MC10H016FN MC10H01606 MC10H100MG MC10H |
4?Bit Binary Counter 4−Bit Binary Counter Quad 2?Input NOR Gate With Strobe Quad OR/NOR Gate Quad 2?Input OR Gate Quad 2?Input AND Gate Triple 2?3?2?Input OR/NOR Gate Triple 4?3?3?Input NOR Gate Triple 2?Input Exclusive OR/Exclusive NOR Gate Dual 4?5?Input OR/NOR Gate Quad Exclusive OR Gate
|
ONSEMI[ON Semiconductor]
|
I74F86N N74F86N N74F86D 74F86 I74F86D 74F86_2 N74F |
From old datasheet system Quad 2-input exclusive-OR gate - Description: Quad 2-Input EXCLUSIVE-OR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 4.2 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
MC10H107FNR2G |
Triple 2−Input Exclusive OR/Exclusive NOR Gate 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ON Semiconductor
|
ELM7S86B |
CMOS LOGIC IC 2-input Exclusive OR gate
|
ELM Technology Corporation
|
SMCG5643A SMCJ5637 SMCG5653 SMCJ5660 SMCJ5661A SMC |
Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB Zener Diode; Zener Voltage Typ, Vz:200V; Vz Test Current, Izt:65mA; Power Dissipation, Pd:50W; Package/Case:DO-5; Mounting Type:Through Hole 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Exclusive-NOR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-NOR Gate 14-PDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-CDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SOIC -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-PDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-CDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-TSSOP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SO -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-TSSOP -55 to 125 CMOS Quad Exclusive-NOR Gate 14-CDIP -55 to 125
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
HD74LV1GT86ACME HD74LV1GT86A-15 |
2?input Exclusive?OR Gate / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
MC74VHC1GT86 MC74VHC1GT86DFT1 |
2-Input Exclusive OR Gate/CMOS Logic Level Shifter
|
ONSEMI[ON Semiconductor]
|
NC7SZ386_04 NC7SZ386 NC7SZ386L6X NC7SZ386P6X NC7SZ |
TinyLogic UHS 3-Input Exclusive-OR Gate LVC/LCX/Z SERIES, 3-INPUT XOR GATE, PDSO6
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|