PART |
Description |
Maker |
LX1664 LX1664A LX1664ACD LX1664ACN LX1664CD LX1664 |
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
|
稳压 MICROSEMI[Microsemi Corporation]
|
5962-8700211ZX 5962-8700209YX 5962-8700208YX 5962- |
Low-Cost, µP Supervisory Circuits PDA Hand-Held-Computer Power Controller Microprocessor and Nonvolatile Memory Supervisory Circuits Dual-Output Power Supply Controller for Notebook Computers Evaluation Kit for the MAX797 Triple-Output Power Supply Controller for Notebook Computers -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers x8双端口SRAM Step-Down Controllers with Synchronous Rectifier for CPU Power x8双端口SRAM Dual-Slot, PCMCIA Analog Power Controller x8双端口SRAM 5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators x8双端口SRAM 3.0V/3.3V Microprocessor Supervisory Circuits x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Cypress Semiconductor Corp. Cirrus Logic, Inc. DB Lectro, Inc. TT electronics OPTEK Technology Infineon Technologies AG FCI
|
SIC413CB-T1-E3 SI9175DH-T1 MAX8643 |
Switching Converters, Regulators & Controllers 4.0A 4.75-26V Built-In PWM Cont Learn More DC/DC Switching Controllers 600mA CMOS PWM/PSM Buck Converter 3A, 2MHz Step-Down Regulator with Integrated Switches 3AMHz、降压型调节器,内置开
|
KOA Speer Electronics,Inc. NXP Semiconductors N.V. Maxim Integrated Products, Inc.
|
APW7026 APW702612KC-TR APW702612KC-TU APW702612KC- |
Advanced PWM and Dual Linear Power Controllers
|
Anpec Electronics Coropration
|
APW7026 |
Advanced PWM and Dual Linear Power Controllers
|
Anpec Electronics Corop...
|
MAX5015 MAX5014-MAX5015 MAX5015ESA MAX5014ESA MAX5 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 1 A SWITCHING CONTROLLER, 302 kHz SWITCHING FREQ-MAX, PDSO8 Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies From old datasheet system Current- Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1992ETG MAX1993ETG MAX1993 MAX1992 MAX1992-MAX1 |
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
XC6367C152ML XC6367F151ML XC6367A151MR XC6367A151M |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
|
http://
|
MAX17482GTL MAX17021GTL MAX17082GTL MAX17021 MAX17 |
Dual-Phase, Quick-PWM Controllers for IMVP-6 /IMVP-6.5 CPU Core Power Supplies DUAL SWITCHING CONTROLLER, 800 kHz SWITCHING FREQ-MAX, QCC40
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX668 MAX668EUB MAX668-MAX669 MAX669EUB MAX669 |
1.8V to 28V Input / PWM Step-Up Controllers in MAX 1.8V to 28V Input, PWM Step-Up Controllers in MAX 1.8V to 28V Input, PWM Step-Up Controllers in µMAX 1.8V to 28V Input, PWM Step-Up Controllers in レMAX
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ISL6740 ISL6740IB ISL6740IBZ ISL6740IVZ ISL6741IVZ |
Flexible Double Ended Voltage and Current Mode PWM Controllers PWM controller for hard-switched full bridge and push-pull applications
|
INTERSIL[Intersil Corporation]
|
HS-1825ARH 5962F9955801VEC 5962F9955801VXC HS9-182 |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Radiation Hardened High-Speed, Dual Output PWM Radiation Hardened High-Speed/ Dual Output PWM
|
Intersil Corporation
|