PART |
Description |
Maker |
MP2227 |
1.3MHz Synchronous Step-Down Converter
|
MPS
|
LT3460 |
1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
|
Linear
|
LT3467 |
1.3MHz, 1.1A Step-Up DC/DC Converter in ThinSOT with Integrated SoftStart
|
Linear
|
AAT1149IUV-0.6-T1 AAT114908 |
3MHz Fast Transient 400mA Step-Down Converter
|
Advanced Analogic Technologies
|
EL7516 |
600kHz/1.3MHz PWM Step Up Regulator From old datasheet system
|
Intersil
|
LTC3422 |
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect From old datasheet system
|
Linear Technology Corporation
|
FAN5350UCX FAN535008 |
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
|
Fairchild Semiconductor
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
AAT2113B |
3.3MHz, Fast Transient 1.5A Step-Down Converter in an 2mm x 2mm Package
|
Skyworks Solutions Inc.
|
KM4112 KM4112IT5TR3 |
70uA, 7.3MHz, RRO Amplifier 70uA, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier From old datasheet system 70A/ Low Cost/ 2.7V & 5V/ 7.3MHz Rail-to-Rail Amplifier 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
ADS-943MM ADS-943_883 ADS-943G_883 ADS-943GC ADS-9 |
14-Bit, 3MHz, low-distortion sampling A/D converter 14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
|
Datel Murata Power Solutions Inc. ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
384196 |
Male Con.C/2 48 solder
|
ERNI Electronics
|