PART |
Description |
Maker |
STS7NF60L |
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET II POWER MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFETII POWER MOSFET N沟道60V 0.017欧姆- 7.5A的SO - 8封装STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.017 OHM - 7.5A SO-8 STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
HUF76437S3S FN4709 HUF76437P3 |
Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-SO -40 to 85 71 A, 60 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
STS8DNF3LL |
DUAL N-CHANNEL 30V - 0.017 OHM - 8A SO-8 LOW GATE CHARGE STRIPFET II POWER MOSFET DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET II POWER MOSFET DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET⑩ II POWER MOSFET DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFETII POWER MOSFET 双N沟道30V 0.017欧姆- 8A条的SO - 8低栅极电荷STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
TC0304A |
SAW Resonator 622.017 MHz SMD 3.8X3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
APT30M17JLL |
POWER MOS 7 300V 135A 0.017 Ohm
|
Advanced Power Technology
|
SQD50P04-13L-GE3 |
50 A, 40 V, 0.017 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3
|
Vishay Intertechnology, Inc. VISHAY SILICONIX
|
STS8DNH3LL |
DUAL N-CHANNEL 30V - 0.017 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
|
ST Microelectronics
|
2SK2689-01MR |
N-channel MOS-FET 50 A, 30 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
SI7983DP-T1-GE3 SI7983DP-T1-E3 |
7.7 A, 20 V, 0.017 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
VISHAY SILICONIX
|
XO-52 |
1.0 MHz to 100 MHz, HCMOS/TTL Compatible, Enabled Output Optional, Industrial Temperature Optional
|
Vishay
|
FAN1086D-2.85 FAN1086S-3.3 FAN1086S-2.5 FAN1086M-2 |
Neuron ICs; Max. Input Clock: 20 MHz; EEPROM: 2 KB; RAM: 2 KB; ROM: 16 KB; Package: 32 pin SOP; External Memory I/F: No ; Sensitivity dBµmV: 93 ~ 107; Package: SSOP16; Production Status: MP FETs Nch 30VFETs Nch 30VPhase Lock Loop; Dual or Single: Single; Features: Integer - N; Power Supply V: 2.4 ~ 3.5; ImA: 4.8; Input FMHz: 700 ~ 1800; Operating Freq-MHz: 5 ~ 25; Sensitivity dBµmV: 92 ~ 107; Package: SSOP10; Production Status: MP FETs Nch 30VFETs Nch 30VFETs Nch 30VMOSFETs - Nch VDSS=30V; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; R DS On (Ω): (max 0.018) (max 0.013) (max 0.012); I_S (A): (max 6) FETs Nch 30VFETs Nch 30VFETs Nch 30VFETs Nch 30VTHREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 积极的固定电压稳压器 FETs Nch 30V<VDSS=60V; ; Package: TO-3P(N); R DS On (O): (max 0.055) (max 0.03); I_S (A): (max 45) FETs Nch 30V<VDSS=60V; Surface Mount Type: N; Package: TO-220NIS; R DS On (O): (max 0.025) (max 0.017); I_S (A): (max 45)
|
|