PART |
Description |
Maker |
ISL653031EVAL1 ISL6530 ISL6530CB ISL6530CB-T ISL65 |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination Dual Low-Noise High-Drive Operational Amplifier 8-SOIC 0 to 70 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PDSO24 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PQCC32
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL6531 ISL6531CB |
PWM Controller, Dual, VDDQ =2.5V, VREF =VDDQ/2 @ 1% Reg, with S3 Sleep Mode, VIN =5V, VTT Regulator Internally Compensated Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
|
INTERSIL[Intersil Corporation]
|
APU3046 |
DUAL SYNCHRONOUS PWM CONTROLLER WITH
|
Advanced Power Electron...
|
IRU3038CF IRU3038CS IRU3038 IRU3038CSTR IRU3038CFT |
14 Pin Synchronous PWM Controller in a 14 pin TSSOP package SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS 14 Pin Synchronous PWM Controller in a 14-Pin SOIC (NB) package
|
IRF[International Rectifier]
|
APW7158 APW7158KE-TRG |
Dual Synchronous Buck PWM Controllers
|
Anpec Electronics Corop...
|
RT8100APQV RT8100AGQV RT8100A |
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
|
Richtek Technology Corporation
|
APW7066QAC-TU APW7066RC-TR APW7066RC-TRL APW7066RC |
Dual Synchronous Buck PWM Controllers and One Linear Controller
|
ANPEC[Anpec Electronics Coropration]
|
RT9212 RT9212GC RT9212PC |
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
|
Richtek Technology Corporation
|
AIC1571 AIC1571CS |
5-bit DAC/ Synchronous PWM Power Regulator with Dual Linear Controllers 5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
|
AIC[Analog Intergrations Corporation]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
SWG8 |
THREE PHASE CONTROLLE
|
celduc-relais
|