PART |
Description |
Maker |
IRF634B IRFS634B IRF634BFP001 |
250V N-Channel B-FET / Substitute of IRF634 & IRF634A 250V N-Channel MOSFET
|
Samsung semiconductor FAIRCHILD[Fairchild Semiconductor]
|
IRFS654 IRFS654B IRF654B IRF654 IRF654BFP001 |
250V N-Channel MOSFET 250V N-Channel B-FET / Substitute of IRF654A
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
IRFN214B IRFN214BTAFP001 |
250V N-Channel B-FET 250V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI9N25C FQB9N25C FQB9N25CTM FQI9N25CTU |
250V N-Channel Advance Q-FET C-Series 250V N-Channel MOSFET 8.8 A, 250 V, 0.43 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRF644N IRF644NL IRF644NS IRF644 IRF644NSTRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A) Power MOSFET(Vdss=250V/ Rds(on)=240mohm/ Id=14A) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 14A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直|4A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFS634BFP001 |
250V N-Channel B-FET / Substitute of IRFS634 & IRFS634A; ; No of Pins: 3; Container: Rail
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRF634NL IRF634NS IRF634NSTRR |
Power MOSFET(Vdss=250V/ Rds(on)=0.435ohm/ Id=8.0A) Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.435ohm,身份证\u003d 8.0A TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 8A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 8A条(丁)|63AB
|
International Rectifier, Corp.
|
IRF634 IRF634FP |
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAYMOSFET N沟道250V - 0.38ohm - 8A条TO-220/TO-220FP⑩MOSFET的网格密 N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY⑩ MOSFET N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY MOSFET N-CHANNEL 250V 0.38 OHM 8A TO-220/TO-220FP MESH OVERLAY MOSFET
|
TE Connectivity, Ltd. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|