PART |
Description |
Maker |
HPLU3103 HPLR3103 FN4501 HPLRB3103 |
52A/ 30V/ 0.019 Ohm/ N-Channel Logic Level/ Power MOSFETs 52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HUF75332S3S HUF75332G3 HUF75332P3 |
60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs(60A, 55V, 0.019 Ω,N沟道,UltraFET功率MOS场效应管)
|
Intersil Corporation
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STS8C6H3LL |
N-channel 30 V, 0.019 Ohm typ., 8 A, P-channel 30 V, 0.024 Ohm typ., 6 A STripFET(TM) Power MOSFET in a SO-8 package
|
ST Microelectronics
|
FDS6984SF011 |
8.5 A, 30 V, 0.019 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
STP60NF10 |
N-CHANNEL 100V - 0.019 ohm - 80A TO-220 STripFET II POWER MOSFET
|
ST Microelectronics
|
HUF76132S3S HUF76132P3 FN4553 76132P |
75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs(75A, 30V, 0.011 Ω,N沟道,逻辑电平,UltraFET功率MOS场效应管) Dual, Precision JFET High Speed Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 75A 30V 0.011 Ohm N-Channel Logic Level UltraFET Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
APT50M75JFLL |
POWER MOS 7 500V 52A 0.075 Ohm
|
Advanced Power Technology
|
HUFA76432S3S HUFA76432P3 HUFA76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 55A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 55A条(丁)|63AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
Intersil, Corp. FAIRCHILD[Fairchild Semiconductor]
|