PART |
Description |
Maker |
HD74LS157 |
Replaced by SN75477 : Peripheral Driver 8-SOIC 0 to 70 Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs) Quad. 2 line-to-1 line Data Selector/Multiplexer with noninverted outputs
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HD74HC257 74HC257 HC257 |
Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted 3-state outputs) Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs) Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 NTE IC, TYPE: DUAL CHANNEL CURRENT MODE
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
HS0-26C32RH-Q HS1-26C32RH/PROTO |
Quad Differential Line Receiver; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) QUAD LINE RECEIVER, UUC16 Radiation Hardened Quad Differential Line Receiver QUAD LINE RECEIVER, CDIP16
|
Intersil, Corp.
|
5962F9666302VEC 5962F9666302VXC 5962F9666302V9A HS |
Differential Line Driver, Quad, CMOS Enable, 3.3V, Rad-Hard CAP CERAMIC 7PF 50V C0G 0402 QUAD LINE DRIVER, CDFP16 Radiation Hardened 3.3V Quad Differential Line Driver 辐射硬化3.3四路差分线路驱动 Radiation Hardened 3.3V Quad Differential Line Driver QUAD LINE DRIVER, UUC16 Radiation Hardened 3.3V Quad Differential Line Driver QUAD LINE DRIVER, CDIP16 PANEL CAP CERAMIC 6.2PF 50V C0G 0402 CAP CERAMIC 6.8PF 50V C0G 0402
|
Intersil, Corp. Intersil Corporation
|
5103-00-01 5103-05-01 51R5-15-01 ZJK51R1-00-01 ZJK |
3-terminal Filters(SIP) For Signal Line / Power Line 1 FUNCTIONS, 50 V, 0.5 A, DATA LINE FILTER
|
TDK Electronics
|
74AC157MTC 74AC157PC 74AC157SC 74AC157SJ 74ACT157 |
Quad 2-Input Multiplexer ACT SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 16-Bit, Serial, 100 kSPS Sampling ADC.; Package: S/B OR B/B CERAMIC DIP; No of Pins: 16; Temperature Range: Commercial ACT SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
DLT431H DLT431M DLT431F DLT642N DLT431C DUT542K DL |
1 FUNCTIONS, 87 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.15 A, DATA LINE FILTER 1 FUNCTIONS, 130 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 87 V, 0.3 A, DATA LINE FILTER 1 FUNCTIONS, 260 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 530 V, 1 A, DATA LINE FILTER
|
|
DV74ACT257DW DV74ACT258N |
ACT SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 ACT SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, INVERTED OUTPUT, PDIP16
|
AVG SEMICONDUCTORS
|
NUF2900MNT1G NUF2900MN |
Two Line EMI Filter with ESD Protection for High Speed Data Interface 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
HCS157MS HCS157D HCS157DMSR HCS157HMSR HCS157K HCS |
Multiplexer, Digital, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system Radiation Hardened Quad 2-Input Multiplexers HC/UH SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LTC1518IS LTC15181 LTC1519IS LTC1519CSTR |
High Speed, Precision Delay RS485 Quad Line Receivers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD LINE RECEIVER, PDSO16 52Mbps Precision Delay RS485 Quad Line Receivers
|
Linear Technology, Corp.
|
|