PART |
Description |
Maker |
CP-SNT55W |
Swi tchmode power suppl ies
|
List of Unclassifed Manufacturers ETC[ETC]
|
CP-SNT55W |
Swi tchmode power suppl ies 瑞东tchmode权力suppl载体
|
Electronic Theatre Controls, Inc.
|
STP5NK65Z STP5NK65ZFP |
N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET JFET; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:100mA; Gate-Source Cutoff Voltage Max, Vgs(off):-9V; Continuous Drain Current, Id:100mA; Current Rating:100mA; Gate-Source Breakdown Voltage:-25V RoHS Compliant: No N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP15NM65N STF15NM65N STW15NM65N STB15NM65N STI15N |
N-channel 650V - 0.25Ω - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh Power MOSFET N-channel 650V - 0.25ヘ - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 650V - 0.25Ω - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh?/a> Power MOSFET
|
STMicroelectronics
|
IPZ65R045C7 |
650V CoolMOS C7 Power Transistor
|
Infineon Technologies AG
|
7N65L-TF2-T 7N65G-T2Q-T 7N65G-TA3-T 7N65G-TF1-T 7N |
7.4A, 650V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
7N65L 7N65LL-TA3-T 7N65LL-TF2-T 7N65LL-TF3-T 7N65L |
7.4A, 650V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
TFP4N65 |
N-Channel Power MOSFET 3.9A, 650V, 3.0Ω
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
7N65ZL-TA3-T 7N65ZL-TQ2-R 7N65ZL-TQ2-T |
7.4A, 650V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
AOT7S65 AOB7S65 |
650V 7A a MOS Power Transistor
|
Alpha & Omega Semiconductors
|
3N65ZL-TF3-T |
3A, 650V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|