PART |
Description |
Maker |
EL5173 EL5373 |
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R From old datasheet system Triple, 550MHz, Differential Twisted-Pair Driver, Fixed Gain Amplifier Single, 550MHz, Differential Twisted-Pair Driver
|
Intersil
|
EL5174IS-T7 EL5374IUZ EL5374IUZ-T13 EL5374IUZ-T7 E |
550MHz Differential Twisted-Pair Drivers TRIPLE LINE DRIVER, PDSO28 Replaced by PCM2902B : Stereo USB1.1 CODEC with line-out and S/PDIF I/O, Bus-powered (HID Interface) 28-SSOP 0 to 70
|
Intersil, Corp. Intersil Corporation
|
EL5177IY-T7 EL5177IYZ-T7 EL5177IYZ EL5177IY EL5177 |
Intersil Replaced by PCM2906B : Stereo USB1.1 CODEC with line-out and S/PDIF I/O, Bus-powered (HID Interface 500mA USB Current) 28-SSOP Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, flush mount, 10 Vdc excitation 550MHz Differential Twisted-Pair Driver LINE DRIVER, PDSO10 550MHz Differential Twisted-Pair Driver 550MHz的差分双绞线驱动
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LT6558IDHC LT6558CDHC LT6558CGN LT6558IDHCTRPBF |
550MHz, 2200V/楼矛s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control 550MHz, 2200V/μs Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control 550MHz, 2200V/µs Gain of 1, Single Supply Triple Video Amplifier with Input Bias Control; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C 3 CHANNEL, VIDEO AMPLIFIER, PDSO16
|
Linear Technology, Corp.
|
EL517507 |
550MHz Differential Line Receivers
|
Intersil Corporation
|
CLC3601 CLC3601ISO14 CLC3601ISO14X CLC4601ISO14 CL |
Dual, Triple, and Quad 550MHz Amplifiers
|
Cadeka Microcircuits LLC.
|
SY10E457_06 SY100E457 SY100E457JC SY100E457JCTR SY |
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
|
MICREL[Micrel Semiconductor]
|
EL911107 EL9111 EL9111IL EL9112IL-T7 EL9112ILZ EL9 |
Triple Differential Receiver/Equalizer
|
Intersil Corporation
|
IC-HE IC-HESO14N |
TRIPLE DIFFERENTIAL LINE DRIVER
|
IC-Haus GmbH
|
FSAV433MTCX11 FSAV43311 |
High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
|
Fairchild Semiconductor
|