PART |
Description |
Maker |
EL517007 EL5170 EL5370 EL5170IYZ-T13 EL5370IU EL53 |
100MHz Differential Twisted-Pair Drivers LINE DRIVER, PDSO8 100MHz Differential Twisted-Pair Drivers(100MHz差分驱动 100MHz的差分双绞线驱动器(100MHz的差分驱动器
|
Intersil Corporation Intersil, Corp.
|
EL5173 EL5373 |
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R From old datasheet system Triple, 550MHz, Differential Twisted-Pair Driver, Fixed Gain Amplifier Single, 550MHz, Differential Twisted-Pair Driver
|
Intersil
|
EL2140 EL2141 |
150MHz, Differential Twisted-Pair Driver, Fixed Gain Amplifier 150MHz, Differential Twisted-Pair Driver, User-Defineable Gain Amplifier
|
Intersil
|
EL5176IY EL5176IY-T13 EL5176IY-T7 |
250 MHz differential twisted-pair driver.
|
Intersil
|
EL5172 |
(EL5172 / EL5372) 250MHz Differential Line Receivers
|
Intersil Corporation
|
EL5374IU-T7 EL5174IS EL5174IS-T13 EL5174ISZ EL5174 |
550MHz Differential Twisted-Pair Drivers(550MHz差分驱动 550MHz的差分双绞线驱动器(550MHz的差分驱动器
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BTA12-800C BTB12-600BWRG BTB12-600BRG BTB12-600CWR |
800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC,800V V(DRM),12A I(T)RMS,TO-220 250MHz Wideband Transconductance Amplifier with Differential Output 330mW, Ultra-Small, Audio Power Amplifiers with Shutdown 12A TRIACS 2A双向可控 12A TRIACS 12A双向可控
|
ST Microelectronics Philips STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
MAX4258 MAX4259ESD MAX4158 MAX4158ESA MAX4158EUA M |
350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers 2 CHANNEL, VIDEO AMPLIFIER, PDSO16 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers 350MHz/250MHz通道视频多路复用放大
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
SP8647 SP8647BDG |
250MHz 10/11
|
ZARLINK[Zarlink Semiconductor Inc]
|
74002NH |
2 twisted insulated conductors
|
List of Unclassifed Man...
|