PART |
Description |
Maker |
EL2160CS-T7 EL2160 EL2160CM EL2160CM-T13 EL2160CN |
180MHz Current Feedback Amplifier VIDEO AMPLIFIER, PDIP8 180MHz Current Feedback Amplifier VIDEO AMPLIFIER, PDSO8 Op Amp, 180MHz, Current Feedback, SR=1500V/s, 75Cable Driver, Dual or Single Supply (33V)
|
Intersil, Corp. Intersil Corporation
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4430 MAX4430ESA MAX4430EUK-T MAX4431 MAX4431ESA |
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low-Distortion Op Amps Dual-Supply / 180MHz / 16-Bit Accurate / Ultra-Low Distortion Op Amps Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps " Dual- Supply, 180MHz, 16-Bit Accurate, Ultra-Low- Distortion Op Amp in SOT23 Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD7492AR |
1MSPS 4mW Internal Ref & Clk 12-Bit Parallel ADC
|
Analog Devices
|
CVA6629S |
Triple 180MHz CRT Driver
|
CALOGIC[Calogic, LLC]
|
EMK13G2H-14.180M |
OSCILLATORS 100PPM -40 85 3.3V 4 14.180MHZ TS HCMOS 5X7 4PAD SMD
|
ECLIPTEK CORP
|
1N5408D 1N5408DA0 1N5408DA0G |
2000V General Purpose Rectifier
|
Taiwan Semiconductor Co...
|
MCO450-20IO1 MCO450-22IO1 |
2000V high power single thyristor module 2200V high power single thyristor module
|
IXYS
|
GRZ520-15 |
Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 2000V Forward Current 0.5A
|
GOOD-ARK Electronics
|
HBK221KBBQC0KR HAK821KBABRAKR HBK821KBBTCRKR HAK82 |
Cap Ceramic 220pF 2000V K1500 10% Radial 7.5mm 85C Bulk Cap Ceramic 820pF 1000V K1500 10% Radial 5mm 85C T/R HBK 2KV 820PF 110% K1500 E3 CAP,CERAMIC,820PF,1KVDC,10% -TOL,10% TOL Cap Ceramic 470pF 1000V K1500 10% Radial 5mm 85C Bulk CAPACITOR, CERAMIC, 3000 V, K1500, 0.001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, K1500, 0.0001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,2.2NF,1KVDC,10% -TOL,10% TOL Cap Ceramic 0.0015uF 2000V K1500 20% Radial 7.5mm 85C Bulk
|
Vishay Draloric
|
ESM6045 ESM6045AV 3402 |
From old datasheet system CONDUCTIVE LEVEL CONTROLLER, NPN; Contact style:SPST N/O; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:2000V ac; Length / Height, external:49.4mm; Output type:Open Collector (NPN); Power consumption:2W; RoHS Compliant: Yes NPN DARLINGTON POWER MODULE NPN达林顿电源模
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
|