PART |
Description |
Maker |
MPS6507_D MPS750 ON2326 MPS650 MPS751 MPS651 |
(MPS650) Amplifier Transistors (MPS750) Amplifier Transistors From old datasheet system Voltage and current are negative for PNP transistors
|
Motorola, Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MPQ7091 MPQ7093 MPQ7091_D ON2316 |
Quad Amplifier Transistors 0.5 A, 250 V, 4 CHANNEL, PNP, Si, POWER TRANSISTOR, TO-116 (MPQ7091 / MPQ7093) Quad Amplifier Transistors *Motorola Preferred Device From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semi MOTOROLA[Motorola Inc]
|
TDA729310 TDA7293V |
120-volt, 100-watt, DMOS audio amplifier with mute and standby 100 W, 1 CHANNEL, AUDIO AMPLIFIER, PZFM15
|
STMicroelectronics
|
MSC2712GT1 MSC2712YT1 |
General Purpose Amplifier Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR General Purpose Amplifier Transistors(通用放大晶体 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
AD8309-EVAL AD8309ARU-REEL |
5 MHz?00 MHz 100 dB Demodulating Logarithmic Amplifier 5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output LOG OR ANTILOG AMPLIFIER, 495 MHz BAND WIDTH, PDSO16
|
Analog Devices, Inc.
|
MPS6714 MPS6715 |
(MPS6714) One Watt Amplifier Transistors (MPS6715) One Watt Amplifier Transistors
|
MOTOROLA[Motorola, Inc]
|
BDB01C BDB01D BDB01 BD01C BD01D |
NPN Silicon 1 Watt Amplifier Transistors One Watt Amplifier Transistors
|
Motorola, Inc. Motorola Inc
|
MJD122 MJD127 MJD127T4 ON1997 MJD122-1 MJD122T4 MJ |
From old datasheet system SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATTS Complementary Darlington Power Transistors
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
BD526 BD530 BD528 BD530-5 BD528-5 BD526-5 |
PNP silicon annular amplifier transistor. 10 W, 60 V. PNP silicon annular amplifier transistor. 10 W, 80 V. PNP silicon annular amplifier transistor. 10 W, 100 V. PNP SILICON AMPLIFIER TRANSISTORS 进步党硅晶体管放大器
|
MOTOROLA[Motorola, Inc] Motorola Inc Motorola Mobility Holdings, Inc.
|