PART |
Description |
Maker |
CXA1310AQ |
Single Chip Processing for CCD Monochrome Camera
|
Sony
|
CXA1310AQ |
Single Chip Processing for CCD Monochrome Camera(单片CCD单色照相机信号处理芯
|
SONY[Sony Corporation]
|
ICX418ALB |
B/W Video Camera CCD Image Sensor
|
SONY
|
ICX428ALL |
B/W Video Camera CCD Image Sensor
|
SONY
|
ICX419AKL |
Color Video Camera CCD Image Sensor
|
SONY
|
MN31121SA |
CCD Image Sensor Vertical Driver IC IMAGE SENSOR-CCD, RECTANGULAR, SURFACE MOUNT For VideoAudio - For Video Camera
|
Panasonic, Corp.
|
AN2458SH |
Color Encoder IC (NTSC/PAL) for CCD Video Camera
|
Matsshita / Panasonic
|
MA1100-M MA8100-M MA8150-M MN3111H MA1150-M MN3111 |
Vertical Driver LSI for Video Camera CCD Area Image Sensor
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MN3113F MA723 |
Vertical Driver LSI for Video Camera CCD Area Image Sensor
|
PANASONIC[Panasonic Semiconductor]
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|