PART |
Description |
Maker |
AD9618TQ AD9618JN AD9618SQ AD9618AQ AD9618 AD9618B |
Low Distortion, Precision, Wide Bandwidth Op Amp OP-AMP, 1100 uV OFFSET-MAX, 8000 MHz BAND WIDTH, CDIP8 Low Distortion/ Precision/ Wide Bandwidth Op Amp ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Analog Devices, Inc. AD[Analog Devices]
|
HA1-5340883 HA4-5340883 HA5340883 HA5340_883 FN245 |
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier 高速,低失真,精密单片采样和保持放大器 From old datasheet system High Speed/ Low Distortion/ Precision Monolithic Sample and Hold Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AD8651 AD8651AR AD8651ARM AD8651ARM-R2 AD8651AR-RE |
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers Preliminary Technical Data
|
AD[Analog Devices]
|
LT1806IS8-PBF LT1806IS8-TRPBF |
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
|
Linear Technology
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|
HSMP-3810 HSMP-3814 DEMO-HSMP38-XX HSMP-481B |
Surface Mount RF PIN Low Distortion Attenuator Diodes(表贴型射PIN 低衰减失真二极管) 演示电路 Low Distortion Pin Attenuator Diode
|
AGILENT
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
|
Linear Technology, Corp.
|
AD800703 AD8008 AD8007AKS-R2 AD8008AR AD8008AR-REE |
Low Distortion, High Speed Amp Single Low Distortion High Speed Amp Ultralow Distortion High Speed Amplifiers
|
Analog Devices
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
LT1115 LT1115C LT1115CN8 LT1115CS |
From old datasheet system Ultra-Low Noise, Low Distortion Audio Op Amp Ultra-Low Noise, Low Distortion, Audio Op Amp
|
LINER[Linear Technology]
|