PART |
Description |
Maker |
MJ15022 MJ15024 |
POWER TRANSISTOR(16A,200-250V,250W)
|
MOSPEC[Mospec Semiconductor]
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
SDDJF31100 SDDJF30100 SDDJF30200 |
16A 250V AC Qualified Type
|
ALPS ELECTRIC CO.,LTD.
|
JQX-141FF2AS5ADC120.543.3 JQX-141FF2AS5ADC30.543.3 |
Relay covers switching capacity from 10A to 16A
|
DB Lectro Inc
|
2SK2460N A5800291 |
Switching (250V, 5A) From old datasheet system
|
ROHM
|
IRF634NL IRF634NS IRF634NSTRR |
Power MOSFET(Vdss=250V/ Rds(on)=0.435ohm/ Id=8.0A) Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.435ohm,身份证\u003d 8.0A TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 8A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 8A条(丁)|63AB
|
International Rectifier, Corp.
|
16FR120 16FR100 16F60 16F100 16F8 A16FR60M A16F10 |
1200V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 100V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 400V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 800V 16A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARD RECOVERY DIODES
|
IRF[International Rectifier]
|
2SC4109 |
NPN Triple Diffused Planar Silicon Transistor 400V/16A Switching Regulator Applications
|
Sanyo
|
H5N2522FP-E0-E-15 |
250V - 12A - MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
H5N2512FL-M0 H5N2512FL-M0-ET2 |
250V - 18A - MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
IRFP264 IRFP264PBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A) 功率MOSFET(减振钢板基本\u003d 250V,的Rdson)\u003d 0.075ohm,身份证\u003d 38A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|