PART |
Description |
Maker |
W90P710CD W90P710CDG |
32-BIT ARM7TDMI-BASED MCU
|
Winbond
|
AT91FR4042NBSP |
Includes, in a single package, an AT91R4008 16/32-bit RISC microcontroller based on the ARM7TDMI cor
|
Atmel Corp
|
AT91FR40162NBSP AT91FR40162 |
Includes, in a single package, an AT91R40008 16/32-bit RISC microcontroller based on the ARM7TDMI co From old datasheet system
|
Atmel Corp
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
STR755FR0 STR755FR1 STR755FR2 STR752FR0 STR752FR1 |
ARM7TDMI-S⑩ 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
STR750FV0H6 STR750FV1H6 |
ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
256-FBGA |
32-bit ARM7TDMI RISC static CMOS CPU core
|
Hynix Semiconductor Inc.
|
MAX153CPPCGP |
1Msps, µP Compatible, 8-Bit ADC with 1µA Power Down
|
MAXIM - Dallas Semiconductor
|
AD9956-VCO/PCB AD9956YCPZ AD9956YCPZ-REEL |
400 MSPS 14-Bit DAC 48-Bit FTW 1.8 V CMOS DDS Based AgileRF™ Synthesizer SPECIALTY ANALOG CIRCUIT, QCC48 400 MSPS 14-Bit DAC 48-Bit FTW 1.8 V CMOS DDS Based AgileRF™ Synthesizer 2.7 GHz DDS-based agileRF synthesizer
|
Microsemi, Corp. Analog Devices
|
ADUC7121 |
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
|
Analog Devices
|
ADUC7021BCPZ62 ADUC7020BCPZ62I-RL ADUC7027BSTZ62I- |
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
|
Analog Devices
|
|