PART |
Description |
Maker |
UDN2981 UDN2981A UDN2982 UDN2982A UDN2982LW UDN298 |
(UDQ2981 - UDQ2984) 8-CHANNEL SOURCE DRIVERS (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS 8-CHANNEL SOURCE DRIVERS 8通道开源驱
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
KI5904DC |
Drain-Source Voltage VDS 20V Gate-Source Voltage VGS -12V
|
TY Semiconductor Co., Ltd
|
A6812EA A6812EEP A6812ELW 6812 A6812 A6812SA A6812 |
DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER 达比奇第四,20位串行输入,锁存源驱 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 达比奇第四,20位串行输入,锁存源驱 DABiC-IV. 20-BIT SERIAL-INPUT. LATCHED SOURCE DRIVER DABiC-IV,20-Bit Serial-Input, Latched Source Driver(驱动真空荧光显示器的DABiC-IV,20位锁存源驱动 DABiC-IV/ 20-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MK1491-06 MK1491-06R MK1491-06RTR MK1491-06S MK149 |
CS5530 GeodeClock Source CS5530 Geode Clock Source CS5530 Geode⑩ Clock Source CS5530 Geode??Clock Source
|
ICST[Integrated Circuit Systems]
|
RFN25C-N3A RFN25C-Y1B RFN25C1-Y1B RFN25C2-N3B RFN2 |
NOISE SOURCE, 4000-8000MHz, -144dBm/Hz, 30dB, PANEL MOUNT NOISE SOURCE, -149dBm/Hz, 25dB, PANEL MOUNT NOISE SOURCE, 5850-8200MHz, -149dBm/Hz, 25dB, PANEL MOUNT
|
MICRONETICS INC
|
KO8822 |
VDS (V) = 20V Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -12 V
|
TY Semiconductor Co., L...
|
KI6968BEDQ |
Drain-Source Voltage Vds 20V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
UCN5890 UCN5890A UCN5890LW UCN5891A UCN5891LW 5890 |
BiMOS II 8-Bit Serial-Input, Latched Source Driver(源输出电压到50V,输出电流到250mA,BiMOS II 8位锁存源驱动 BiMOS II 8-Bit Serial-Input, Latched Source Driver(用于无冲击打印机系统的BiMOS II 8位串行输入锁存源驱动 BIMOS II 8-BIT SERIAL-INPUT. LATCHED SOURCE DRIVERS BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
LXHL-PR09 LXHL-DW09 DS45 LXHL-DL09 LXHL-PB09 LXHL- |
power light source LUXEON? III Emitter power light source LUXEON垄莽 III Emitter power light source LUXEON㈢ III Emitter
|
Lumileds Lighting Company
|
APTGF90DU60T |
Dual Common Source - IGBT Dual common source NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
APTGF50DU120T |
Dual Common Source - IGBT Dual common source NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|